Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 374 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 374 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 370Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 371Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 372Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 373Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 374Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 375Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 376Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 377Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 378Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 500 page
background image
DEVELOPMENT SUPPORT
M68HC16 Z SERIES
C-2
USER’S MANUAL
C.2 M68MEVB1632 Modular Evaluation Board
The M68MEVB1632 Modular Evaluation Board (MEVB) is a development tool for eval-
uating M68HC16 and M68300 MCU-based systems. The MEVB consists of the
M68MPFB1632 modular platform board, an MCU personality board (MPB), an in-cir-
cuit debugger (ICD16 or ICD32), and development software. MEVB features include:
• An economical means of evaluating target systems incorporating M68HC16 and
M68300 HCMOS MCU devices
• Expansion memory sockets for installing RAM, EPROM, or EEPROM
— Data RAM: 32K x 16, 128K x 16, or 512K x 16
— EPROM/EEPROM: 32K x 16, 64K x 16, 128K x 16, 256K x 16, or 512K x 16
— Fast RAM: 32K x 16 or 128K x 16
• Background-mode operation, for detailed operation from a personal computer
platform without an on-board monitor
• Integrated assembly/editing/evaluation/programming environment for easy de-
velopment
• As many as seven software breakpoints
• Re-usable ICD hardware for your target application debug or control
• Two RS-232C terminal input/output (I/O) ports for user evaluation of the serial
communication interface
• Logic analyzer pod connectors
• Port replacement unit (PRU) to rebuild I/O ports lost to address/data/control
• On-board VPP (+12 VDC) generation for MCU and flash EEPROM programming.
• On-board wire-wrap area
NOTE
The MC68HC16Z1 and the MC68HC16Z2/Z3 both utilize the
M68HC16MPFB, however, each MCU uses a different personality
board (M68MPB16Z1 on the MC68HC16Z1; M68MPB16Z2/Z3 on
the MC68HC16Z2/Z3).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com