Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 377 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 377 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 373Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 374Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 375Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 376Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 377Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 378Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 379Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 380Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 381Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-3
D.1.1 Condition Code Register
The CCR contains processor status flags, the interrupt priority field, and the program
counter address extension field. The CPU16 has a special set of instructions that ma-
nipulate the CCR.
S — STOP Enable
0 = Stop CPU16 clocks when LPSTOP instruction is executed.
1 = Perform NOPs when LPSTOP instruction is executed.
MV — Accumulator M overflow flag
Set when overflow into AM35 has occurred.
H — Half Carry Flag
Set when a carry from A3 or B3 occurs during BCD addition.
EV — Accumulator M Extension Overflow Flag
EV is set when an overflow into AM31 has occurred.
N — Negative Flag
N is set under the following conditions:
• When the MSB is set in the operand of a read operation.
• When the MSB is set in the result of a logic or arithmetic operation.
Z — Zero Flag
Z is set under the following conditions:
• When all bits are zero in the operand of a read operation.
• When all bits are zero in the result of a logic or arithmetic operation.
V — Overflow Flag
Set when two’s complement overflow occurs as the result of an operation.
C — Carry Flag
Set when carry or borrow occurs during arithmetic operation. Also used during shifts
and rotates.
IP[2:0] — Interrupt Priority Field
The priority value in this field (0 to 7) is used to mask low priority interrupts.
SM — Saturate Mode Bit
When SM is set, if either EV or MV is set, data read from AM using TMER or TMET is
given maximum positive or negative value, depending on the state of the AM sign bit
before overflow.
PK[3:0] — Program Counter Address Extension Field
This field is concatenated with the program counter to form a 20-bit address.
CCR — Condition Code Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
S
MV
H
EV
N
Z
V
C
IP[2:0]
SM
PK[3:0]
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com