Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U6 Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM8L151C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U6 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM8L151C4U6 Datasheet HTML 111Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 112Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 113Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 114Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 115Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 116Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 117Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 118Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 122 page
background image
STM8L151xx, STM8L152xx
Package characteristics
Doc ID 15962 Rev 5
115/122
Figure 45.
UFQFPN32 - 32-lead ultra thin fine pitch
quad flat no-lead package outline
(5x5)(1)(2)(3)
Figure 46.
UFQFPN32 recommended
footprint(1)(4)
1.
Drawing is not to scale.
2.
All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life.
3.
There is an exposed die pad on the underside of the UFQFPN package. It is recommended to connect and solder this back-
side pad to PCB ground.
4.
Dimensions are in millimeters.
Seating plane
ddd
C
C
A3
A1
A
D
e
9
16
17
24
32
Pin # 1 ID
R = 0.30
8
E
L
L
D2
1
b
E2
A0B8_ME
Bottom view
Table 62.
UFQFPN32 - 32-lead ultra thin fine pitch quad flat no-lead package (5 x 5),
package mechanical data
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.5
0.55
0.6
0.0197
0.0217
0.0236
A1
0.00
0.02
0.05
0
0.0008
0.0020
A3
0.152
0.006
b
0.18
0.23
0.28
0.0071
0.0091
0.0110
D
4.90
5.00
5.10
0.1929
0.1969
0.2008
D2
3.50
0.1378
E
4.90
5.00
5.10
0.1929
0.1969
0.2008
E2
3.40
3.50
3.60
0.1339
0.1378
0.1417
e
0.500
0.0197
L
0.30
0.40
0.50
0.0118
0.0157
0.0197
ddd
0.08
0.0031
Number of pins
N32
1.
Values in inches are converted from mm and rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com