Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U6 Datasheet(PDF) 117 Page - STMicroelectronics

Part # STM8L151C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U6 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM8L151C4U6 Datasheet HTML 113Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 114Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 115Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 116Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 117Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 118Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 119Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 120Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 122 page
background image
STM8L151xx, STM8L152xx
Package characteristics
Doc ID 15962 Rev 5
117/122
Figure 48.
UFQFPN48 7 x 7 mm, 0.5 mm pitch, package
outline(1)(2)(3)
Figure 49.
Recommended footprint
(dimensions in mm)(1)
1.
Drawing is not to scale.
2.
All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life.
3.
There is an exposed die pad on the underside of the UFQFPN package. It is recommended to connect and solder this
back-side pad to PCB ground.
7.30
7.30
0.20
0.30
0.55
0.50
5.80
6.20
6.20
5.60
5.60
5.80
0.75
ai15697
48
1
12
13
24
25
36
37
Table 64.
UFQFPN48 – ultra thin fine pitch quad flat pack no-lead 7 × 7 mm, 0.5 mm
pitch package mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.500
0.550
0.600
0.0197
0.0217
0.0236
A1
0.000
0.020
0.050
0.0000
0.0008
0.0020
D
6.900
7.000
7.100
0.2717
0.2756
0.2795
E
6.900
7.000
7.100
0.2717
0.2756
0.2795
L
0.300
0.400
0.500
0.0118
0.0157
0.0197
T
0.152
0.0060
b
0.200
0.250
0.300
0.0079
0.0098
0.0118
e
0.500
0.0197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com