Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U6 Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM8L151C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U6 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM8L151C4U6 Datasheet HTML 114Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 115Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 116Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 117Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 118Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 119Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 120Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 121Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 122Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 120 / 122 page
background image
Revision history
STM8L151xx, STM8L152xx
120/122
Doc ID 15962 Rev 5
12
Revision history
Table 66.
Document revision history
Date
Revision
Changes
06-Aug-2009
1
Initial release
10-Sep-2009
2
Updated peripheral naming throughout document.
Added Figure 7: STM8L151Cx 48-pin pinout (without LCD) on page 25
Added capacitive sensing channels in Features on page 1
Updated PA7, PC0 and PC1 in Table 5: STM8L15x pin description
Changed CLK and REMAP register names in Table 8
Changed description of WDGHALT in Table 12
Added typical power consumption values in Table 18 to Table 26
Correct VIH max in Table 36
11-Dec-2009
3
Added WLCSP28 package
Modified Figure 9: Memory map on page 35 and added 2 notes.
Modified Low power run mode in Section 3.1: Low power modes on
page 14
Added Section 8: Unique ID on page 59
Modified Table 10: Interrupt mapping on page 54 (added reserved area
at address 0x00 8008)
Modified OPT4 option bits in Table 11: Option byte addresses on
page 56
Table 12: Option byte description on page 57: modified OPT0
description (“disable” instead of “enable”) and OPT1 description
Added OPTBL option bytes
Modified Section 9: Electrical parameters on page 60
02-Apr-2010
4
Changed title of the document (STM8L151x4, STM8L151x6,
STM8L152x4, STM8L152x6)
Changed pinout (VSS1, VDD1, VSS2, VDD 2 instead of VSS, VDD, VSSIO,
VDDIO
Changed packages
Changed first page
Modified note 1 in Table 5: STM8L15x pin description on page 27
Added note to PA7, PC0, PC1 and PE0 in Table 5: STM8L15x pin
description on page 27
Modified Figure 9: Memory map on page 35
Modified Table 61: WLCSP28 – 28-pin wafer level chip scale package,
package mechanical data on page 113 (min and max columns
swapped)
Modified Figure 44: WLCSP28 – 28-pin wafer level chip scale package,
package outline on page 113 (A1 ball location)
Section : on page 79: renamed Rm, Lm and Cm
EXTI_CONF replaced with EXTI_CONF1 in Table 8: General hardware
register map on page 37
Updated Section 9: Electrical parameters on page 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com