Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U6 Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM8L151C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U6 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM8L151C4U6 Datasheet HTML 112Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 113Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 114Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 115Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 116Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 117Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 118Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 119Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 122 page
background image
Package characteristics
STM8L151xx, STM8L152xx
116/122
Doc ID 15962 Rev 5
Figure 47.
LQFP32 – 32-pin low profile quad flat package outline
5V_ME
L
A1
K
L1
c
A
A2
ccc
C
D
D1
D3
E3
E1 E
16
17
24
25
b
32
1
Pin 1
identification
8
9
Table 63.
LQFP32 – 32-pin low profile quad flat package, package mechanical data
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
A1.6
0.063
A1
0.05
0.15
0.0020
0.0059
A2
1.35
1.4
1.45
0.0531
0.0551
0.0571
b
0.3
0.37
0.45
0.0118
0.0146
0.0177
c
0.09
0.2
0.0035
0.0079
D
8.8
9
9.2
0.3465
0.3543
0.3622
D1
6.8
7
7.2
0.2677
0.2756
0.2835
D3
5.6
0.2205
E
8.8
9
9.2
0.3465
0.3543
0.3622
E1
6.8
7
7.2
0.2677
0.2756
0.2835
E3
5.6
0.2205
e
0.8
0.0315
L
0.45
0.6
0.75
0.0177
0.0236
0.0295
L1
1
0.0394
k
0.0 °
3.5 °
7.0 °
0.0 °
3.5 °
7.0 °
ccc
0.1
0.0039
Number of pins
N32
1.
Values in inches are converted from mm and rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com