Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460TR Datasheet(PDF) 113 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 113 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 109Page - STMicroelectronics L6460TR Datasheet HTML 110Page - STMicroelectronics L6460TR Datasheet HTML 111Page - STMicroelectronics L6460TR Datasheet HTML 112Page - STMicroelectronics L6460TR Datasheet HTML 113Page - STMicroelectronics L6460TR Datasheet HTML 114Page - STMicroelectronics L6460TR Datasheet HTML 115Page - STMicroelectronics L6460TR Datasheet HTML 116Page - STMicroelectronics L6460TR Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 139 page
background image
L6460
GPIO pins
Doc ID 17713 Rev 1
113/139
22.8
GPIO[7]
The GPIO[7] truth table is (for the abbreviation list please refer to Table 40).
Table 48.
GPIO[7] truth table
EnLowVSw[2]
GPIO[7] SPI BITS
Function
Note
GpioOut
enable[7]
Mode[2]
Mode[1]
Mode[0]
1
X
X
X
X
Low Volt. Pow. Sw. 2
(1)
1.
When EnLowVSw[2] = ‘1’ the GpioOutEnable[7] bit is forced to 0.
0
0
X
X
X
HiZ (SPI_IN)
01
0
0
0
SPI OUT
(2)
2.
In all configurations in which GPIO[7] is enabled as output:
a) the GPIO[7] pin can be always used as an analog input to the ADC system (ADC function) by writing
its address in the A2DChannelX[4:0] in the A2DConfigX register and starting a conversion;
b) the GPIO[7] pin can be always used as a digital input so its value can be always read through SPI
interface (SPI_IN function);
c)
the GPIO[7] pin is a rail to rail output supplied by VGPIO_SPI.
01
0
0
1
AuxPwm1
(2)
01
0
1
0
AuxPwm3
(2)
0
1
0
1
1
Comp1OUT
(2)
01
1
0
0
AuxPwm1 inverted
(2)
01
1
0
1
AuxPwm3 inverted
(2)
0
1
1
1
1
Comp1OUT inverted
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com