Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460TR Datasheet(PDF) 115 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 115 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 111Page - STMicroelectronics L6460TR Datasheet HTML 112Page - STMicroelectronics L6460TR Datasheet HTML 113Page - STMicroelectronics L6460TR Datasheet HTML 114Page - STMicroelectronics L6460TR Datasheet HTML 115Page - STMicroelectronics L6460TR Datasheet HTML 116Page - STMicroelectronics L6460TR Datasheet HTML 117Page - STMicroelectronics L6460TR Datasheet HTML 118Page - STMicroelectronics L6460TR Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 139 page
background image
L6460
GPIO pins
Doc ID 17713 Rev 1
115/139
22.9
GPIO[8]
The GPIO[8] truth table is (for the abbreviation list please refer to Table 40).
Table 49.
GPIO[8] truth table
EnDac (1)
1.
The EnDAC bit in the CurrDacCtrl register enables the Current DAC (seeChapter 17)
GPIO[8] SPI bits
Function (2)
2.
This pin is 5 volt input tolerant.
Note
GpioOut
enable[8]
Mode[2]
Mode[1]
Mode[0]
1
X
X
X
X
CurrDAC
(3)
3.
When EnDAC = ‘1’ the GpioOutEnable[8] bit is forced to 0. The current DAC circuit is directly connected to
GPIO[8] pin so as soon as it is enabled it will sink current from pin.
0
0
X
X
X
HiZ (SPI_IN)
(4)
4.
The GPIO[8] pin can be always used as a digital input so its value can be always read through SPI
interface (SPI_IN function). To avoid affecting the precision of CurrDAC when this is used to sink very low
currents, it is necessary to enable the digital input functionality of GPIO[8]. Therefore to read their values
through SPI interface (SPI_IN function), it is necessary to enable the EnGpio8DigIn bit in the CurrDacCtrl
register.
0
1
000
SPI OUT
(4)
0
1
001
AuxPwm1
(4)
0
1
010
AuxPwm3
(4)
0
1
011
Comp2OUT
(4)
0
1
100
AuxPwm1
inverted
(4)
0
1
101
AuxPwm3
inverted
(4)
0
1
1
1
1
Comp2OUT inverted
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com