Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 200 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 200 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 196Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 197Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 198Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 199Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 200Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 201Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 202Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 203Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 200
© 2009-2011 Microchip Technology Inc.
FIGURE 31-6:
TIMER1, 2, 3, 4, 5 EXTERNAL CLOCK TIMING CHARACTERISTICS
Note: Refer to Figure 31-1 for load conditions.
Tx11
Tx15
Tx10
Tx20
TMRx
OS60
TxCK
TABLE 31-23: TIMER1 EXTERNAL CLOCK TIMING REQUIREMENTS(1)
AC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+105°C for V-Temp
Param.
No.
Symbol
Characteristics(2)
Min.
Typical Max. Units
Conditions
TA10
TTXHTxCK
High Time
Synchronous,
with prescaler
[(12.5 ns or 1 TPB)/N]
+ 25 ns
—
—
ns
Must also meet
parameter TA15
Asynchronous,
with prescaler
10
—
—
ns
—
TA11
TTXLTxCK
Low Time
Synchronous,
with prescaler
[(12.5 ns or 1 TPB)/N]
+ 25 ns
—
—
ns
Must also meet
parameter TA15
Asynchronous,
with prescaler
10
—
—
ns
—
TA15
TTXPTxCK
Input Period
Synchronous,
with prescaler
[(Greater of 25 ns or
2 TPB)/N] + 30 ns
——
ns
VDD > 2.7V
[(Greater of 25 ns or
2 TPB)/N] + 50 ns
——
ns
VDD < 2.7V
Asynchronous,
with prescaler
20
—
—
ns
VDD > 2.7V
(Note 3)
50
—
—
ns
VDD < 2.7V
(Note 3)
OS60
FT1
SOSC1/T1CK Oscillator
Input Frequency Range
(oscillator enabled by setting
TCS bit (T1CON<1>))
32
—
100
kHz
—
TA20
TCKEXTMRL Delay from External TxCK
Clock Edge to Timer
Increment
—1
TPB
—
Note 1:
Timer1 is a Type A.
2:
This parameter is characterized, but not tested in manufacturing.
3:
N = Prescale Value (1, 8, 64, 256).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com