Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 199 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 199 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 195Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 196Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 197Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 198Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 199Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 200Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 201Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 202Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 203Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 199
PIC32MX5XX/6XX/7XX
FIGURE 31-5:
EXTERNAL RESET TIMING CHARACTERISTICS
TABLE 31-22: RESETS TIMING
AC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+105°C for V-Temp
Param.
No.
Symbol
Characteristics(1)
Min.
Typical(2)
Max.
Units
Conditions
SY00
TPU
Power-up Period
Internal Voltage Regulator Enabled
—400
600
μs
-40°C to +85°C
SY01
TPWRT
Power-up Period
External VCORE Applied
(Power-up timer active)
48
64
80
ms
-40°C to +85°C
SY02
TSYSDLY System Delay Period:
Time Required to Reload Device
Configuration Fuses plus SYSCLK
Delay before First instruction is
Fetched.
—
1 μs +
8 SYSCLK
cycles
—
—
-40°C to +85°C
SY20
TMCLR
MCLR Pulse Width (low)
—
2
—
μs
-40°C to +85°C
SY30
TBOR
BOR Pulse Width (low)
—
1
—
μs
-40°C to +85°C
Note 1:
These parameters are characterized, but not tested in manufacturing.
2:
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated. Characterized by design but not tested.
MCLR
(SY20)
Reset Sequence
(SY10)
CPU Starts Fetching Code
BOR
(SY30)
TOST
TMCLR
TBOR
Reset Sequence
CPU Starts Fetching Code
Clock Sources = (FRC, FRCDIV, FRCDIV16, FRCPLL, EC, ECPLL and LPRC)
Clock Sources = (HS, HSPLL, XT, XTPLL and SOSC)
(TSYSDLY)
SY02
(TSYSDLY)
SY02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com