Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 196 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 196 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 192Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 193Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 194Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 195Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 196Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 197Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 198Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 199Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 200Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 196
© 2009-2011 Microchip Technology Inc.
TABLE 31-18: PLL CLOCK TIMING SPECIFICATIONS (VDD = 2.3V TO 3.6V)
AC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+105°C for V-Temp
Param.
No.
Symbol
Characteristics(1)
Min.
Typical
Max.
Units
Conditions
OS50
FPLLI
PLL Voltage Controlled
Oscillator (VCO) Input
Frequency Range
4
—
5
MHz ECPLL, HSPLL, XTPLL,
FRCPLL modes
OS51
FSYS
On-Chip VCO System
Frequency
60
—
120
MHz
—
OS52
TLOCK
PLL Start-up Time (Lock Time)
—
—
2
ms
—
OS53
DCLK
CLKO Stability(2)
(Period Jitter or Cumulative)
-0.25
—
+0.25
%
Measured over 100 ms
period
Note 1:
These parameters are characterized, but not tested in manufacturing.
2:
This jitter specification is based on clock-cycle by clock-cycle measurements. To get the effective jitter for
individual time-bases on communication clocks, use the following formula:
For example, if SYSCLK = 80 MHz and SPI bit rate = 20 MHz, the effective jitter is as follows:
EffectiveJitter
DCLK
SYSCLK
CommunicationClock
----------------------------------------------------------
--------------------------------------------------------------
=
EffectiveJitter
DCLK
80
20
------
--------------
DCLK
2
--------------
==
TABLE 31-19: INTERNAL FRC ACCURACY
AC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+105°C for V-Temp
Param.
No.
Characteristics
Min.
Typical
Max.
Units
Conditions
Internal FRC Accuracy @ 8.00 MHz(1) for PIC32MX575/675/695/775 Family Devices
F20a
FRC
-2
—
+2
%
—
Internal FRC Accuracy @ 8.00 MHz(1,2) for PIC32MX534/564/664/764 Family Devices
F20b
FRC
-0.9
—
+0.9
%
—
Note 1:
Frequency calibrated at 25°C and 3.3V. The TUN bits can be used to compensate for temperature drift.
2:
This information is preliminary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com