Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 192 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 192 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 188Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 189Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 190Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 191Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 192Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 193Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 194Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 195Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 196Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 192
© 2009-2011 Microchip Technology Inc.
TABLE 31-12: PROGRAM FLASH MEMORY WAIT STATE CHARACTERISTICS
DC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+105°C for V-Temp
Required Flash Wait States
SYSCLK
Units
Comments
0 Wait State
0 to 30
MHz
—
1 Wait State
31 to 60
2 Wait States
61 to 80
TABLE 31-13: COMPARATOR SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+105°C for V-Temp
Param.
No.
Symbol
Characteristics
Min.
Typical
Max.
Units
Comments
D300
VIOFF
Input Offset Voltage
—
±7.5
±25
mV
AVDD = VDD,
AVSS = VSS
D301
VICM
Input Common Mode Voltage
0
—
VDD
VAVDD = VDD,
AVSS = VSS
(Note 2)
D302
CMRR
Common Mode Rejection Ratio
55
—
—
dB
Max VICM = (VDD - 1)V
(Note 2)
D303
TRESP
Response Time
—
150
400
ns
AVDD = VDD,
AVSS = VSS
(Notes 1, 2)
D304
ON2OV
Comparator Enabled to Output
Valid
——
10
μs
Comparator module is
configured before setting
the comparator ON bit
(Note 2)
D305
IVREF
Internal Voltage Reference
0.57
0.6
0.63
V
For devices without
BGSEL<1:0>
1.14
1.2
1.26
V
BGSEL<1:0> = 00
0.57
0.6
0.63
V
BGSEL<1:0> = 01
Note 1:
Response time measured with one comparator input at (VDD – 1.5)/2, while the other input transitions
from VSS to VDD.
2:
These parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com