Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 188 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 188 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 184Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 185Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 186Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 187Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 188Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 189Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 190Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 191Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 188
© 2009-2011 Microchip Technology Inc.
Module Differential Current(7) for PIC32MX534/564/664/764 Family Devices
DC41c
—
10
μA
—
2.5V
Watchdog Timer Current:
ΔIWDT (Notes 3,6)
DC41d
5
—
μA
—
3.3V
Watchdog Timer Current:
ΔIWDT (Note 3)
DC41e
—
20
μA
—
3.6V
Watchdog Timer Current:
ΔIWDT (Note 3)
DC42c
—
40
μA
—
2.5V
RTCC + Timer1 w/32 kHz Crystal:
ΔIRTCC (Notes 3,6)
DC42d
23
—
μA
—
3.3V
RTCC + Timer1 w/32 kHz Crystal:
ΔIRTCC (Note 3)
DC42e
—
50
μA
—
3.6V
RTCC + Timer1 w/32 kHz Crystal:
ΔIRTCC (Note 3)
DC43c
—
1300
μA
—
2.5V
ADC:
ΔIADC (Notes 3,4,6)
DC43d
1100
—
μA
—
3.3V
ADC:
ΔIADC (Notes 3,4)
DC43e
—
1300
μA
—
3.6V
ADC:
ΔIADC (Notes 3,4)
TABLE 31-7:
DC CHARACTERISTICS: POWER-DOWN CURRENT (IPD) (CONTINUED)
DC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+105°C for V-Temp
Param.
No.
Typical(2)
Max.
Units
Conditions
Note 1:
Base IPD is measured with all digital peripheral modules and being clocked, CPU clock is disabled. All I/Os
are configured as inputs and pulled low. WDT and FSCM are disabled.
2:
Data in the “Typical” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance
only and are not tested.
3:
The
Δ current is the additional current consumed when the module is enabled. This current should be
added to the base IPD current.
4:
Test conditions for ADC module differential current are as follows: Internal ADC RC oscillator enabled.
5:
Data is characterized at +70°C and not tested. Parameter is for design guidance only.
6:
This parameter is characterized, but not tested in manufacturing.
7:
This information is preliminary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com