Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 186 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 186 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 182Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 183Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 184Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 185Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 186Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 187Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 188Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 189Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 190Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 186
© 2009-2011 Microchip Technology Inc.
TABLE 31-6:
DC CHARACTERISTICS: IDLE CURRENT (IIDLE)
DC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+105°C for V-Temp
Parameter
No.
Typical(2)
Max.
Units
Conditions
Idle Current (IIDLE): Core Off, Clock on Base Current(1) for PIC32MX575/675/695/775 Family Devices
DC30
4.5
6.5
mA
-40ºC, +25ºC, +85ºC
—4 MHz
DC30b
5
7
mA
+105°C
DC31
13
15
mA
-40ºC, +25ºC, +85ºC
—
25 MHz (Note 3)
DC32
28
30
mA
-40ºC, +25ºC, +85ºC
—
60 MHz (Note 3)
DC33
36
42
mA
-40ºC, +25ºC, +85ºC
—80 MHz
DC33b
39
45
mA
+105°C
DC34
—
40
µA
-40°C
2.3V
LPRC (31 kHz)
(Note 3)
DC34a
—
75
µA
+25°C
DC34b
—
800
µA
+85°C
DC34c
—
1000
µA
+105°C
DC35
35
—
µA
-40°C
3.3V
DC35a
65
—
µA
+25°C
DC35b
600
—
µA
+85°C
DC35c
800
—
µA
+105°C
DC36
—
43
µA
-40°C
3.6V
DC36a
—
106
µA
+25°C
DC36b
—
800
µA
+85°C
DC36c
—
1000
µA
+105°C
Idle Current (IIDLE): Core Off, Clock on Base Current(1,4) for PIC32MX534/564/664/764 Family Devices
DC30a
1.5
6.5
mA
-40ºC, +25ºC, +85ºC
—
4 MHz
DC31a
7
15
mA
-40ºC, +25ºC, +85ºC
—
25 MHz (Note 3)
DC32a
13
30
mA
-40ºC, +25ºC, +85ºC
—
60 MHz (Note 3)
DC33a
17
42
mA
-40ºC, +25ºC, +85ºC
—
80 MHz
DC34c
—
40
µA
-40°C
2.3V
LPRC (31 kHz)
(Note 3)
DC34d
—
75
µA
+25°C
DC34e
—
800
µA
+85°C
DC35c
30
—
µA
-40°C
3.3V
DC35d
55
—
µA
+25°C
DC35e
230
—
µA
+85°C
DC36c
—
43
µA
-40°C
3.6V
DC36d
—
106
µA
+25°C
DC36e
—
800
µA
+85°C
Note 1:
The test conditions for base IDLE current measurements are as follows: System clock is enabled and
PBCLK divisor = 1:8. CPU in Idle mode (CPU core Halted). Only digital peripheral modules are enabled
(ON bit = 1) and being clocked. WDT and FSCM are disabled. All I/O pins are configured as inputs and
pulled to VSS. MCLR = VDD.
2:
Data in “Typical” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance
only and are not tested.
3:
This parameter is characterized, but not tested in manufacturing.
4:
This information is preliminary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com