Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 185 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 185 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 181Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 182Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 183Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 184Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 185Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 186Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 187Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 188Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 185
PIC32MX5XX/6XX/7XX
TABLE 31-5:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+105°C for V-Temp
Param.
No.
Typical(3)
Max.
Units
Conditions
Operating Current (IDD)(1,2) for PIC32MX575/675/695/775 Family Devices
DC20
6
9
mA
Code executing from Flash
-40ºC,
+25ºC,
+85ºC
—4 MHz
DC20b
7
10
+105ºC
DC20a
4
—
Code executing from SRAM
—
DC21
37
40
mA
Code executing from Flash
——
25 MHz
(Note 4)
DC21a
25
—
Code executing from SRAM
DC22
64
70
mA
Code executing from Flash
——
60 MHz
(Note 4)
DC22a
61
—
Code executing from SRAM
DC23
85
98
mA
Code executing from Flash
-40ºC,
+25ºC,
+85ºC
—80 MHz
DC23b
90
120
+105ºC
DC23a
85
—
Code executing from SRAM
—
DC25a
125
150
µA
—
+25°C
3.3V
LPRC (31 kHz)
(Note 4)
Operating Current (IDD)(1,2,5) for PIC32MX534/564/664/764 Family Devices
DC20b
6
9
mA
Code executing from Flash
—
—
4 MHz
DC20c
2
—
mA
Code executing from SRAM
—
—
DC21b
19
40
mA
Code executing from Flash
—
—
25 MHz
(Note 4)
DC21c
14
—
mA
Code executing from SRAM
—
—
DC22b
31
70
mA
Code executing from Flash
—
—
60 MHz
(Note 4)
DC22c
29
—
mA
Code executing from SRAM
—
—
DC23b
39
98
mA
Code executing from Flash
—
—
80 MHz
DC23c
39
—
mA
Code executing from SRAM
—
—
DC25b
100
150
µA
—
+25°C
3.3V
LPRC (31 kHz)
(Note 4)
Note 1:
A device’s IDD supply current is mainly a function of the operating voltage and frequency. Other factors,
such as PBCLK (Peripheral Bus Clock) frequency, number of peripheral modules enabled, internal code
execution pattern, execution from Program Flash memory vs. SRAM, I/O pin loading and switching rate,
oscillator type, as well as temperature, can have an impact on the current consumption.
2:
The test conditions for IDD measurements are as follows: Oscillator mode = EC+PLL with OSC1 driven by
external square wave from rail-to-rail and PBCLK divisor = 1:8. CPU, Program Flash and SRAM data
memory are operational, program Flash memory Wait states = 7, program cache and prefetch are dis-
abled and SRAM data memory Wait states = 1. All peripheral modules are disabled (ON bit = 0). WDT
and FSCM are disabled. All I/O pins are configured as inputs and pulled to VSS. MCLR = VDD.
3:
Data in “Typical” column is at 3.3V, 25°C at specified operating frequency unless otherwise stated.
Parameters are for design guidance only and are not tested.
4:
This parameter is characterized, but not tested in manufacturing.
5:
This information is preliminary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com