Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 184 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 184 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 180Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 181Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 182Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 183Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 184Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 185Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 186Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 187Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 188Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 184
© 2009-2011 Microchip Technology Inc.
31.1
DC Characteristics
TABLE 31-1:
OPERATING MIPS VS. VOLTAGE
Characteristic
VDD Range
(in Volts)
Temp. Range
(in °C)
Max. Frequency
PIC32MX5XX/6XX/7XX
DC5
2.3-3.6V
-40°C to +85°C
80 MHz
DC5b
2.3-3.6V
-40°C to +105°C
80 MHz
TABLE 31-2:
THERMAL OPERATING CONDITIONS
Rating
Symbol
Min.
Typical
Max.
Unit
Industrial Temperature Devices
Operating Junction Temperature Range
TJ
-40
—
+125
°C
Operating Ambient Temperature Range
TA
-40
—
+85
°C
V-Temp Temperature Devices
Operating Junction Temperature Range
TJ
-40
—
+140
°C
Operating Ambient Temperature Range
TA
-40
—
+105
°C
Power Dissipation:
Internal Chip Power Dissipation:
PINT = VDD x (IDD – S IOH)
PD
PINT + PI/O
W
I/O Pin Power Dissipation:
I/O = S (({VDD – VOH} x IOH) + S (VOL x IOL))
Maximum Allowed Power Dissipation
PDMAX
(TJ – TA)/
θJA
W
TABLE 31-3:
THERMAL PACKAGING CHARACTERISTICS
Characteristics
Symbol Typical
Max.
Unit
See
Note
Package Thermal Resistance, 121-Pin XBGA (10x10x1.1 mm)
θJA
40
—
°C/W
1
Package Thermal Resistance, 100-Pin TQFP (14x14x1 mm)
θJA
43
—
°C/W
1
Package Thermal Resistance, 100-Pin TQFP (12x12x1 mm)
θJA
43
—
°C/W
1
Package Thermal Resistance, 64-Pin TQFP (10x10x1 mm)
θJA
47
—
°C/W
1
Package Thermal Resistance, 64-Pin QFN (9x9x0.9 mm)
θJA
28
—
°C/W
1
Note 1:
Junction to ambient thermal resistance, Theta-JA (
θJA) numbers are achieved by package simulations.
TABLE 31-4:
DC TEMPERATURE AND VOLTAGE SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+105°C for V-Temp
Param.
No.
Symbol
Characteristics
Min.
Typical
Max.
Units
Conditions
Operating Voltage
DC10
VDD
Supply Voltage
2.3
—
3.6
V
—
DC12
VDR
RAM Data Retention Voltage(1)
1.75
—
—
V
—
DC16
VPOR
VDD Start Voltage
to Ensure
Internal Power-on Reset Signal
1.75
—
2.1
V
—
DC17
SVDD
VDD Rise Rate
to Ensure
Internal Power-on Reset Signal
0.00005
—
0.115
V/
μs—
Note 1:
This is the limit to which VDD can be lowered without losing RAM data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com