Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 187 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 187 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 183Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 184Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 185Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 186Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 187Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 188Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 189Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 190Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 187
PIC32MX5XX/6XX/7XX
TABLE 31-7:
DC CHARACTERISTICS: POWER-DOWN CURRENT (IPD)
DC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+105°C for V-Temp
Param.
No.
Typical(2)
Max.
Units
Conditions
Power-Down Current (IPD)(1) for PIC32MX575/675/695/775 Family Devices
DC40
10
40
μA-40°C
2.3V
Base Power-Down Current (Note 6)
DC40a
36
100
μA
+25°C
DC40b
400
720
μA
+85°C
DC40h
900
1800
µA
+105°C
DC40c
41
120
μA
+25°C
3.3V
Base Power-Down Current
DC40d
22
80
μA-40°C
3.6V
Base Power-Down Current
DC40e
42
120
μA
+25°C
DC40g
315
400(5)
μA
+70°C
DC40f
410
800
μA
+85°C
DC40i
1000
2000
µA
+105°C
Module Differential Current for PIC32MX575/675/695/775 Family Devices
DC41
—
10
μA
—
2.3V
Watchdog Timer Current:
ΔIWDT (Notes 3,6)
DC41a
5
—
μA
—
3.3V
Watchdog Timer Current:
ΔIWDT (Note 3)
DC41b
—
20
μA
—
3.6V
Watchdog Timer Current:
ΔIWDT (Note 3)
DC42
—
40
μA
—
2.3V
RTCC + Timer1 w/32 kHz Crystal:
ΔIRTCC (Notes 3,6)
DC42a
23
—
μA
—
3.3V
RTCC + Timer1 w/32 kHz Crystal:
ΔIRTCC (Note 3)
DC42b
—
50
μA
—
3.6V
RTCC + Timer1 w/32 kHz Crystal:
ΔIRTCC (Note 3)
DC43
—
1300
μA
—
2.5V
ADC:
ΔIADC (Notes 3,4,6)
DC43a
1100
—
μA
—
3.3V
ADC:
ΔIADC (Notes 3,4)
DC43b
—
1300
μA
—
3.6V
ADC:
ΔIADC (Notes 3,4)
Power-Down Current (IPD)(1,7) for PIC32MX534/564/664/764 Family Devices
DC40g
12
40
μA-40°C
2.3V
Base Power-Down Current (Note 6)
DC40h
20
100
μA
+25°C
DC40i
210
720
μA
+85°C
DC40j
20
120
μA
+25°C
3.3V
Base Power-Down Current
DC40k
15
80
μA-40°C
3.6V
Base Power-Down Current
DC40l
20
120
μA
+25°C
DC40m
113
400(5)
μA
+70°C
DC40n
210
800
μA
+85°C
Note 1:
Base IPD is measured with all digital peripheral modules and being clocked, CPU clock is disabled. All I/Os
are configured as inputs and pulled low. WDT and FSCM are disabled.
2:
Data in the “Typical” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance
only and are not tested.
3:
The
Δ current is the additional current consumed when the module is enabled. This current should be
added to the base IPD current.
4:
Test conditions for ADC module differential current are as follows: Internal ADC RC oscillator enabled.
5:
Data is characterized at +70°C and not tested. Parameter is for design guidance only.
6:
This parameter is characterized, but not tested in manufacturing.
7:
This information is preliminary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com