Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 191 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 191 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 187Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 188Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 189Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 190Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 191Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 192Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 193Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 194Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 195Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 191
PIC32MX5XX/6XX/7XX
TABLE 31-11: DC CHARACTERISTICS: PROGRAM MEMORY(3)
DC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+105°C for V-Temp
Param.
No.
Symbol
Characteristics
Min.
Typical(1)
Max.
Units
Conditions
Program Flash Memory
D130
EP
Cell Endurance
1000
—
—
E/W
—
D130a
EP
Cell Endurance
20,000
—
—
E/W See Note 4
D131
VPR
VDD for Read
2.3
—
3.6
V
—
D132
VPEW
VDD for Erase or Write
3.0
—
3.6
V
—
D132a
VPEW
VDD for Erase or Write
2.3
—
3.6
V
See Note 4
D134
TRETD
Characteristic Retention
20
—
—
Year Provided no other specifications
are violated
D135
IDDP
Supply Current during
Programming
—10
—
mA
—
TWW
Word Write Cycle Time
20
—
40
μs—
D136
TRW
Row Write Cycle Time(2)
(128 words per row)
34.5
—
ms
—
D137
TPE
Page Erase Cycle Time
20
—
—
ms
—
TCE
Chip Erase Cycle Time
80
—
—
ms
—
Note 1:
Data in “Typical” column is at 3.3V, 25°C unless otherwise stated.
2:
The minimum SYSCLK for row programming is 4 MHz. Care should be taken to minimize bus activities
during row programming, such as suspending any memory-to-memory DMA operations. If heavy bus loads
are expected, selecting Bus Matrix Arbitration mode 2 (rotating priority) may be necessary. The default
Arbitration mode is mode 1 (CPU has lowest priority).
3:
Refer to “PIC32 Flash Programming Specification” (DS61145) for operating conditions during
programming and erase cycles.
4:
This parameter applies to PIC32MX534/564/664/764 devices only. This information is preliminary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com