Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 189 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 189 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 185Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 186Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 187Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 188Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 189Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 190Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 191Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 192Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 189
PIC32MX5XX/6XX/7XX
TABLE 31-8:
DC CHARACTERISTICS: I/O PIN INPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+105°C for V-Temp
Param.
No.
Symbol
Characteristics
Min.
Typical(1
)
Max.
Units
Conditions
VIL
Input Low Voltage
DI10
I/O Pins:
with TTL Buffer
VSS
—0.15 VDD
V
with Schmitt Trigger Buffer
VSS
—0.2 VDD
V
DI15
MCLR(2)
VSS
—0.2 VDD
V
DI16
OSC1 (XT mode)
VSS
—0.2 VDD
V
(Note 4)
DI17
OSC1 (HS mode)
VSS
—0.2 VDD
V
(Note 4)
DI18
SDAx, SCLx
VSS
—0.3 VDD
V
SMBus disabled
(Note 4)
DI19
SDAx, SCLx
VSS
—
0.8
V
SMBus enabled
(Note 4)
VIH
Input High Voltage
DI20
I/O Pins:
with Analog Functions
0.8 VDD
—VDD
V
(Note 4)
Digital Only
0.8 VDD
—V
with TTL Buffer
0.25 VDD + 0.8V
—
5.5
V
(Note 4)
with Schmitt Trigger Buffer
0.8 VDD
—5.5
V
DI25
MCLR(2)
0.8 VDD
—VDD
V
DI26
OSC1 (XT mode)
0.7 VDD
—VDD
V
(Note 4)
DI27
OSC1 (HS mode)
0.7 VDD
—VDD
V
(Note 4)
DI28
SDAx, SCLx
0.7 VDD
—
5.5
V
SMBus disabled
(Note 4)
DI29
SDAx, SCLx
2.1
—
5.5
V
SMBus enabled,
2.3V
≤VPIN ≤5.5
(Note 4)
DI30
ICNPU
CNxx Pull up Current
50
250
400
μAVDD = 3.3V, VPIN = VSS
IIL
Input Leakage Current(3)
DI50
I/O Ports
—
—
+1
μAVSS ≤VPIN ≤VDD,
Pin at high-impedance
DI51
Analog Input Pins
—
—
+1
μAVSS ≤VPIN ≤VDD,
Pin at high-impedance
DI55
MCLR(2)
——
+1
μAVSS ≤VPIN ≤VDD
DI56
OSC1
—
—
+1
μAVSS ≤VPIN ≤VDD,
XT and HS modes
Note 1:
Data in “Typical” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.
4:
This parameter is characterized, but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com