Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 195 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 195 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 191Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 192Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 193Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 194Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 195Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 196Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 197Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 198Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 195
PIC32MX5XX/6XX/7XX
TABLE 31-17: EXTERNAL CLOCK TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+105°C for V-Temp
Param.
No.
Symbol
Characteristics
Min.
Typical(1)
Max.
Units
Conditions
OS10
FOSC
External CLKI Frequency
(External clocks allowed only
in EC and ECPLL modes)
DC
4
—
—
50
50
MHz
MHz
EC (Note 4)
ECPLL (Note 3)
OS11
Oscillator Crystal Frequency
3
—
10
MHz XT (Note 4)
OS12
4
—
10
MHz XTPLL
(Notes 3,4)
OS13
10
—
25
MHz HS (Note 5)
OS14
10
—
25
MHz HSPLL
(Notes 3,4)
OS15
32
32.768
100
kHz
SOSC (Note 4)
OS20
TOSC
TOSC = 1/FOSC = TCY(2)
—
—
—
—
See parameter
OS10 for FOSC
value
OS30
TOSL,
TOSH
External Clock In (OSC1)
High or Low Time
0.45 x TOSC
——
ns
EC (Note 4)
OS31
TOSR,
TOSF
External Clock In (OSC1)
Rise or Fall Time
—
—
0.05 x TOSC
ns
EC (Note 4)
OS40
TOST
Oscillator Start-up Timer Period
(Only applies to HS, HSPLL,
XT, XTPLL and SOSC Clock
Oscillator modes)
—1024
—
TOSC (Note 4)
OS41
TFSCM
Primary Clock Fail Safe
Time-out Period
—2
—
ms
(Note 4)
OS42
GM
External Oscillator
Transconductance
—12
—
mA/V VDD = 3.3V,
TA = +25°C
(Note 4)
Note 1:
Data in “Typical” column is at 3.3V, 25°C unless otherwise stated. Parameters are characterized but are
not tested.
2:
Instruction cycle period (TCY) equals the input oscillator time base period. All specified values are based on
characterization data for that particular oscillator type under standard operating conditions with the device
executing code. Exceeding these specified limits may result in an unstable oscillator operation and/or
higher than expected current consumption. All devices are tested to operate at “min.” values with an
external clock applied to the OSC1/CLKI pin.
3:
PLL input requirements: 4 MHZ
≤ FPLLIN ≤ 5 MHZ (use PLL prescaler to reduce FOSC). This parameter is
characterized, but tested at 10 MHz only at manufacturing.
4:
This parameter is characterized, but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com