Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 213 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 213 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 209Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 210Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 211Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 212Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 213Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 214Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 215Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 216Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 217Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 213
PIC32MX5XX/6XX/7XX
TABLE 31-35: ETHERNET MODULE SPECIFICATIONS
AC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+105°C for V-Temp
Param.
No.
Characteristic
Min.
Typical
Max.
Units
Conditions
MIIM Timing Requirements
ET1
MDC Duty Cycle
40
—
60
%
—
ET2
MDC Period
400
—
—
ns
—
ET3
MDIO Output Delay
10
—
10
ns
—
ET4
MDIO Input Delay
0
—
300
ns
—
MII Timing Requirements
ET5
TX Clock Frequency
—
25
—
MHz
—
ET6
TX Clock Duty Cycle
35
—
65
%
—
ET7
ETXDx, ETEN, ETXERR Delay
0
—
25
ns
—
ET8
RX Clock Frequency
—
25
—
MHz
—
ET9
RX Clock Duty Cycle
35
—
65
%
—
ET10
ERXDx, ERXDV, ERXERR Delay
10
—
30
ns
—
RMII Timing Requirements
ET11
Reference Clock Frequency
—
50
—
MHz
—
ET12
Reference Clock Duty Cycle
35
—
65
%
—
ET13
ETXDx, ETEN, Delay
2
—
16
ns
—
ET14
ERXDx, ERXDV, ERXERR Delay
2
—
16
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com