Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 214 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 214 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 210Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 211Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 212Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 213Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 214Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 215Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 216Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 217Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 218Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 214
© 2009-2011 Microchip Technology Inc.
TABLE 31-36: ADC MODULE SPECIFICATIONS(5)
AC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature -40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+105°C for V-Temp
Param.
No.
Symbol
Characteristics
Min.
Typical
Max.
Units
Conditions
Device Supply
AD01
AVDD
Module VDD Supply
Greater of
VDD – 0.3
or 2.5
—
Lesser of
VDD + 0.3
or 3.6
V
—
AD02
AVSS
Module VSS Supply
VSS
—VSS + 0.3
V
—
Reference Inputs
AD05
VREFH
Reference Voltage High AVSS + 2.0
—
AVDD
V
(Note 1)
AD05a
2.5
—
3.6
V
VREFH = AVDD (Note 3)
AD06
VREFL
Reference Voltage Low
AVSS
—VREFH –
2.0
V
(Note 1)
AD07
VREF
Absolute Reference
Voltage (VREFH – VREFL)
2.0
—
AVDD
V
(Note 3)
AD08
IREF
Current Drain
—
250
—
400
3
μA
μA
ADC operating
ADC off
Analog Input
AD12
VINH-VINL Full-Scale Input Span
VREFL
—VREFH
V—
AD13
VINL
Absolute VINL Input
Voltage
AVSS – 0.3
—
AVDD/2
V
—
AD14
VIN
Absolute Input Voltage
AVSS – 0.3
—
AVDD + 0.3
V
—
AD15
Leakage Current
—
+/- 0.001
+/-0.610
μAVINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3.3V
Source Impedance = 10 k
Ω
AD17
RIN
Recommended
Impedance of Analog
Voltage Source
——
5K
Ω
(Note 1)
ADC Accuracy – Measurements with External VREF+/VREF-
AD20c Nr
Resolution
10 data bits
bits
—
AD21c INL
Integral Nonlinearity
> -1
—
< 1
LSb VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3.3V
AD22c DNL
Differential Nonlinearity
> -1
—
< 1
LSb VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3.3V
(Note 2)
AD23c GERR
Gain Error
> -1
—
< 1
LSb VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3.3V
AD24n EOFF
Offset Error
> -1
—
< 1
LSb VINL = AVSS = 0V,
AVDD = 3.3V
AD25c
—
Monotonicity
—
—
—
—
Guaranteed
Note 1:
These parameters are not characterized or tested in manufacturing.
2:
With no missing codes.
3:
These parameters are characterized, but not tested in manufacturing.
4:
Characterized with a 1 kHz sinewave.
5:
For PIC32MX534/564/664/764 devices, data provided in this table is preliminary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com