Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 215 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 215 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 211Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 212Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 213Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 214Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 215Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 216Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 217Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 218Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 215
PIC32MX5XX/6XX/7XX
ADC Accuracy – Measurements with Internal VREF+/VREF-
AD20d Nr
Resolution
10 data bits
bits (Note 3)
AD21d INL
Integral Nonlinearity
> -1
—
< 1
LSb VINL = AVSS = 0V,
AVDD = 2.5V to 3.6V
(Note 3)
AD22d DNL
Differential Nonlinearity
> -1
—
< 1
LSb VINL = AVSS = 0V,
AVDD = 2.5V to 3.6V
(Notes 2,3)
AD23d GERR
Gain Error
> -4
—
< 4
LSb VINL = AVSS = 0V,
AVDD = 2.5V to 3.6V
(Note 3)
AD24d EOFF
Offset Error
> -2
—
< 2
LSb VINL = AVSS = 0V,
AVDD = 2.5V to 3.6V
(Note 3)
AD25d
—
Monotonicity
—
—
—
—
Guaranteed
Dynamic Performance
AD31b SINAD
Signal to Noise and
Distortion
55
58.5
—
dB
(Notes 3,4)
AD34b ENOB
Effective Number of Bits
9.0
9.5
—
bits (Notes 3,4)
TABLE 31-36: ADC MODULE SPECIFICATIONS(5) (CONTINUED)
AC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Operating temperature -40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+105°C for V-Temp
Param.
No.
Symbol
Characteristics
Min.
Typical
Max.
Units
Conditions
Note 1:
These parameters are not characterized or tested in manufacturing.
2:
With no missing codes.
3:
These parameters are characterized, but not tested in manufacturing.
4:
Characterized with a 1 kHz sinewave.
5:
For PIC32MX534/564/664/764 devices, data provided in this table is preliminary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com