Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 252 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 252 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 248Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 249Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 250Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 251Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 252Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 253Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 254Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 255Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 256Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 252 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 252
© 2009-2011 Microchip Technology Inc.
Details ....................................................................... 227
Marking ..................................................................... 225
Parallel Master Port (PMP) ............................................... 149
PIC32 Family USB Interface Diagram............................... 132
Pinout I/O Descriptions (table) ............................................ 32
Power-on Reset (POR)
and On-Chip Voltage Regulator................................ 174
Power-Saving Features..................................................... 163
CPU Halted Methods ................................................ 163
Operation .................................................................. 163
with CPU Running..................................................... 163
Prefetch Cache ................................................................. 127
Program Flash Memory
Wait State Characteristics......................................... 192
R
Reader Response ............................................................. 254
Real-Time Clock and Calendar (RTCC)............................ 151
Register Maps ............................................................. 62–116
Registers
DDPCON (Debug Data Port Control)........................ 176
DEVCFG0 (Device Configuration Word 0 ................. 166
DEVCFG1 (Device Configuration Word 1 ................. 168
DEVCFG2 (Device Configuration Word 2 ................. 170
DEVCFG3 (Device Configuration Word 3 ................. 171
DEVID (Device and Revision ID) .............................. 172
Resets ............................................................................... 119
Revision History ................................................................ 240
S
Serial Peripheral Interface (SPI) ....................................... 143
Software Simulator (MPLAB SIM)..................................... 181
Special Features ............................................................... 165
T
Timer1 Module .................................................................. 135
Timer2/3, Timer4/5 Modules ............................................. 137
Timing Diagrams
10-bit Analog-to-Digital Conversion (ASAM = 0, SS-
RC<2:0> = 000) ................................................ 218
10-bit Analog-to-Digital Conversion (CHPS<1:0> = 01,
ASAM = 1, SSRC<2:0> = 111, SAMC<4:0> =
00001)............................................................... 219
CAN I/O..................................................................... 212
EJTAG ...................................................................... 224
External Clock........................................................... 194
I/O Characteristics .................................................... 197
I2Cx Bus Data (Master Mode) .................................. 208
I2Cx Bus Data (Slave Mode) .................................... 210
I2Cx Bus Start/Stop Bits (Master Mode)................... 208
I2Cx Bus Start/Stop Bits (Slave Mode)..................... 210
Input Capture (CAPx) ............................................... 201
OCx/PWM................................................................. 202
Output Compare (OCx)............................................. 202
Parallel Master Port Read......................................... 221
Parallel Master Port Write......................................... 222
Parallel Slave Port .................................................... 220
SPIx Master Mode (CKE = 0) ................................... 203
SPIx Master Mode (CKE = 1) ................................... 204
SPIx Slave Mode (CKE = 0) ..................................... 205
SPIx Slave Mode (CKE = 1) ..................................... 206
Timer1, 2, 3, 4, 5 External Clock .............................. 200
UART Reception....................................................... 148
UART Transmission (8-bit or 9-bit Data) .................. 148
Timing Requirements
CLKO and I/O ........................................................... 197
Timing Specifications
CAN I/O Requirements ............................................. 212
I2Cx Bus Data Requirements (Master Mode)........... 209
I2Cx Bus Data Requirements (Slave Mode)............. 211
Input Capture Requirements..................................... 201
Output Compare Requirements................................ 202
Simple OCx/PWM Mode Requirements ................... 202
SPIx Master Mode (CKE = 0) Requirements............ 203
SPIx Master Mode (CKE = 1) Requirements............ 204
SPIx Slave Mode (CKE = 1) Requirements.............. 206
SPIx Slave Mode Requirements (CKE = 0).............. 205
U
UART ................................................................................ 147
USB On-The-Go (OTG) .................................................... 131
V
VCAP/VCORE pin ................................................................ 174
Voltage Reference Specifications..................................... 193
Voltage Regulator (On-Chip) ............................................ 174
W
Watchdog Timer (WDT).................................................... 173
WWW Address ................................................................. 253
WWW, On-Line Support ..................................................... 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com