Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 248 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 248 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 244Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 245Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 246Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 247Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 248Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 249Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 250Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 251Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 252Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 248
© 2009-2011 Microchip Technology Inc.
7.0 “Interrupt Controller”
• Updated the following Interrupt Sources in Table 7-1:
- Changed IC2AM – I2C4 Master Event to: IC4M – I2C4 Master Event
- Changed IC3AM – I2C5 Master Event to: IC5M – I2C4 Master Event
- Changed U1E – UART1A Error to: U1E – UART1 Error
- Changed U4E – UART1B Error to: U4E – UART4 Error
- Changed U1RX – UART1A Receiver to: U1RX – UART1 Receiver
- Changed U4RX – UART1B Receiver to: U4RX – UART4 Receiver
- Changed U1TX – UART1A Transmitter to: U1TX – UART1 Transmitter
- Changed U4TX – UART1B Transmitter to: U4TX – UART4 Transmitter
- Changed U6E – UART2B Error to: U6E – UART6 Error
- Changed U6RX – UART2B Receiver to: U6RX – UART6 Receiver
- Changed U6TX – UART2B Transmitter to: U6TX – UART6 Transmitter
- Changed U5E – UART3B Error to: U5E – UART5 Error
- Changed U5RX – UART3B Receiver to: U5RX – UART5 Receiver
- Changed U5TX – UART3B Transmitter to: U5TX – UART5 Transmitter
8.0 “Oscillator Configuration”
Updated Figure 8-1
16.0 “Output Compare”
Updated Figure 16-1
24.0 “Ethernet Controller”
Added a note on using the Ethernet controller pins (see note above
Table 24-3)
26.0 “Comparator Voltage Reference
(CVREF)”
Updated the note in Figure 26-1
28.0 “Special Features”
Updated the bit description for bit 10 in Register 28-2
Added notes 1 and 2 to Register 28-4
31.0 “Electrical Characteristics”
Updated the Absolute Maximum Ratings:
• Voltage on any 5V tolerant pin with respect to VSS when VDD < 2.3V -
0.3V to +3.6V was updated
• Voltage on VBUS with respect to VSS - 0.3V to +5.5V was added
Updated the maximum value of DC16 as 2.1 in Table 31-4
Updated the Typical values for the following parameters: DC20b, DC20c,
DC21c, DC22c and DC23c (see Table 31-5)
Updated Table 31-11:
• Removed the following DC Characteristics: Programming temperature
0°C
≤TA ≤+70°C (25°C recommended)
• Updated the Minimum value for the Parameter number D131 as 2.3
• Removed the Conditions for the following Parameter numbers: D130,
D131, D132, D135, D136 and D137
• Updated the condition for the parameter number D130a and D132a
Updated the Minimum, Typical and Maximum values for parameter D305
in Table 31-13
Added note 2 to Table 31-18
Updated the Minimum and Maximum values for parameter F20b (see
Table 31-19)
Updated the following figures:
• Figure 31-4
• Figure 31-9
• Figure 31-19
• Figure 31-20
Appendix A: “Migrating from
PIC32MX3XX/4XX to PIC32MX5XX/
6XX/7XX Devices”
Removed the A.3 Pin Assignments sub-section.
TABLE B-4:
SECTION UPDATES (CONTINUED)
Section Name
Update Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com