Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 246 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 246 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 242Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 243Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 244Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 245Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 246Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 247Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 248Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 249Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 250Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 246
© 2009-2011 Microchip Technology Inc.
Revision E (July 2010)
Minor corrections were incorporated throughout the
document.
Revision F (December 2010)
The revision includes the following global update:
VCAP/VDDCORE has been changed to: VCAP/VCORE
Other major changes are referenced by their respective
chapter/section in Table B-4:
TABLE B-4:
SECTION UPDATES
Section Name
Update Description
High-Performance, USB, CAN and
Ethernet 32-bit Flash Microcontrollers
Removed the following Analog Feature: FV tolerant input pins
(digital pins only)
Updated the term LIN 1.2 support as LIN support for the peripheral
feature: Six UART modules with: RS-232, RS-485, and LIN support
1.0 “Device Overview”
Updated the value of 64-pin QFN/TQFP pin number for the following pin
names: PMA0, PMA1 and ECRSDV
4.0 “Memory Organization”
The following register map tables were updated:
• Table 4-2:
- Changed bits 24/8 to I2C5BIF in IFS1
- Changed bits 24/8-24/10 to SRIPL<2:0> in INTSTAT
- Changed bits 25/9/-24/8 to U5IS<1:0> in IPC12
- Added note 2
• Table 4-3 through Table 4-7:
- Changed bits 24/8-24/10 to SRIPL<2:0> in INTSTAT
- Changed bits 25/9-24/8 to U5IS<1:0> in IPC12
• Table 4-3:
- Changed bits 24/8 to I2C5BIF in IFS1
- Added note 2
• Table 4-4:
- Changed bits 24/8 to I2C5BIF in IFS1
- Changed bits 24/8 to I2C5BIE in IEC1
- Added note 2 references
• Table 4-5:
- Changed bits 24/8 to I2C5BIF in IFS1
- Changed bits 24/8 to I2C5BIE in IEC1
- Added note 2 references
• Table 4-6:
- Changed bit 24/8 to I2C5BIF in IFS1
- Updated the bit value of bit 24/8 as I2C5BIE for the IEC1 register.
- Added note 2
• Table 4-7:
- Changed bit 25/9 to I2C5SIF in IFS1
- Changed bit 24/8 as I2C5BIF in IFS1
- Changed bit 25/9 as I2C5SIE in IEC1
- Changed bit 24/8 as I2C5BIE in IEC1
- Added note 2 references
• Added note 2 to Table 4-8
• Updated the All Resets values for the following registers in Table 4-11:
I2C3CON, I2C4CON, I2C5CON and I2C1CON.
• Updated the All Resets values for the I2C2CON register in Table 4-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com