Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 242 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 242 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 238Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 239Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 240Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 241Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 242Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 243Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 244Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 245Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 246Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 242
© 2009-2011 Microchip Technology Inc.
Revision C (February 2010)
The revision includes the following updates, as
described in Table B-2:
TABLE B-2:
MAJOR SECTION UPDATES
Section Name
Update Description
“High-Performance, USB, CAN
and Ethernet 32-bit Flash
Microcontrollers”
Added the following devices:
• PIC32MX675F256H
• PIC32MX775F256H
• PIC32MX775F512H
• PIC32MX675F256L
• PIC32MX775F256L
• PIC32MX775F512L
Added the following pins:
•EREFCLK
• ECRSDV
• AEREFCLK
• AECRSDV
Added the EREFCLK and ECRSDV pins to Table 5 and Table 6.
1.0 “Device Overview”
Updated the pin number pinout I/O descriptions for the following pin names in
Table 1-1:
Added the following pins to the Pinout I/O Descriptions table (Table 1-1):
•EREFCLK
• ECRSDV
• AEREFCLK
• AECRSDV
4.0 “Memory Organization”
Added new devices and updated the virtual and physical memory map values in
Figure 4-4.
Added new devices to Figure 4-5.
Added new devices to the following register maps:
• Table 4-3, Table 4-4, Table 4-6 and Table 4-7 (Interrupt Register Maps)
• Table 4-12 (I2C2 Register Map)
• Table 4-15 (SPI1 Register Map)
• Table 4-24 through Table 4-35 (PORTA-PORTG Register Maps)
• Table 4-36 and Table 4-37 (Change Notice and Pull-up Register Maps)
• Table 4-45 (CAN1 Register Map)
• Table 4-46 (CAN2 Register Map)
• Table 4-47 (Ethernet Controller Register Map)
Changed the bits named POSCMD to POSCMOD in Table 4-42 (Device
Configuration Word Summary).
28.0 “Special Features”
Changed all references of POSCMD to POSCMOD in the Device Configuration
Word 1 register (see Register 28-2).
Appendix A: “Migrating from
PIC32MX3XX/4XX to
PIC32MX5XX/6XX/7XX
Devices”
Added the new section Appendix .
•SCL3
• SCL5
•RTCC
• C1OUT
•SDA3
• SDA5
•CVREF-• C2IN-
•SCL2
• TMS
• CVREF+• C2IN+
•SDA2
• TCK
• CVREFOUT
•C2OUT
• SCL4
• TDI
• C1IN-
• PMA0
• SDA4
• TDO
• C1IN+
• PMA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com