Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 240 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 240 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 236Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 237Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 238Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 239Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 240Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 241Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 242Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 243Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 244Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 240
© 2009-2011 Microchip Technology Inc.
APPENDIX B: REVISION HISTORY
Revision A (August 2009)
This is the initial released version of this document.
Revision B (November 2009)
The revision includes the following global update:
• Added Note 2 to the shaded table that appears at
the beginning of each chapter. This new note pro-
vides information regarding the availability of regis-
ters and their associated bits.
Other major changes are referenced by their respective
chapter/section in Table B-1.
TABLE B-1:
MAJOR SECTION UPDATES
Section Name
Update Description
“High-Performance, USB, CAN and
Ethernet 32-bit Flash
Microcontrollers”
Added the following devices:
- PIC32MX575F256L
- PIC32MX695F512L
- PIC32MX695F512H
The 100-pin TQFP pin diagrams have been updated to reflect the current pin
name locations (see the “Pin Diagrams” section).
Added the 121-pin Ball Grid Array (XBGA) pin diagram.
Updated Table 1: “PIC32 USB and CAN – Features”
Added the following tables:
- Table 4: “Pin Names: PIC32MX534F064L, PIC32MX564F064L,
PIC32MX564F128L, PIC32MX575F256L and PIC32MX575F512L
Devices”
- Table 5: “Pin Names: PIC32MX664F064L, PIC32MX664F128L,
PIC32MX675F256L, PIC32MX675F512L and PIC32MX695F512L
Devices”
- Table 6: “Pin Names: PIC32MX775F256L, PIC32MX775F512L and
PIC32MX795F512L Devices”
Updated the following pins as 5V tolerant:
- 64-pin QFN: Pin 36 (D-/RG3) and Pin 37 (D+/RG2)
- 64-pin TQFP: Pin 36 (D-/RG3) and Pin 37 (D+/RG2)
- 100-pin TQFP: Pin 56 (D-/RG3) and Pin 57 (D+/RG2)
2.0 “Guidelines for Getting Started
with 32-bit Microcontrollers”
Removed the last sentence of 2.3.1 “Internal Regulator Mode”.
Removed Section 2.3.2 “External Regulator Mode”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com