Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 241 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 241 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 237Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 238Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 239Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 240Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 241Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 242Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 243Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 244Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 245Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 241
PIC32MX5XX/6XX/7XX
4.0 “Memory Organization”
Updated all register tables to include the Virtual Address and All Resets
columns.
Updated the title of Figure 4-4 to include the PIC32MX575F256L device.
Updated the title of Figure 4-6 to include the PIC32MX695F512L and
PIC32MX695F512H devices. Also changed PIC32MX795F512L to
PIC32MX795F512H.
Updated the title of Table 4-3 to include the PIC32MX695F512H device.
Updated the title of Table 4-5 to include the PIC32MX575F5256L device.
Updated the title of Table 4-6 to include the PIC32MX695F512L device.
Reversed the order of Table 4-11 and Table 4-12.
Reversed the order of Table 4-14 and Table 4-15.
Updated the title of Table 4-15 to include the PIC32MX575F256L and
PIC32MX695F512L devices.
Updated the title of Table 4-45 to include the PIC32MX575F256L device.
Updated the title of Table 4-47 to include the PIC32MX695F512H and
PIC32MX695F512L devices.
12.0 “I/O Ports”
Updated the second paragraph of 12.1.2 “Digital Inputs” and removed Table
12-1.
22.0 “10-bit Analog-to-Digital
Converter (ADC)”
Updated the ADC Conversion Clock Period Block Diagram (see Figure 22-2).
28.0 “Special Features”
Removed references to the ENVREG pin in 28.3 “On-Chip Voltage
Regulator”
.
Updated the first sentence of 28.3.1 “On-Chip Regulator and POR” and
28.3.2 “On-Chip Regulator and BOR”
.
Updated the Connections for the On-Chip Regulator (see Figure 28-2).
31.0 “Electrical Characteristics”
Updated the Absolute Maximum Ratings and added Note 3.
Added Thermal Packaging Characteristics for the 121-pin XBGA package
(see Table 31-3).
Updated the Operating Current (IDD) DC Characteristics (see Table 31-5).
Updated the Idle Current (IIDLE) DC Characteristics (see Table 31-6).
Updated the Power-Down Current (IPD) DC Characteristics (see Table 31-7).
Removed Note 1 from the Program Flash Memory Wait State Characteristics
(see Table 31-12).
Updated the SPIx Module Slave Mode (CKE = 1) Timing Characteristics,
changing SP52 to SP35 between the MSb and Bit 14 on SDOx (see
Figure 31-13).
32.0 “Packaging Information”
Added the 121-pin XBGA package marking information and package details.
“Product Identification System”
Added the definition for BG (121-lead 10x10x1.1 mm, XBGA).
Added the definition for Speed.
TABLE B-1:
MAJOR SECTION UPDATES (CONTINUED)
Section Name
Update Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com