Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 239 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 239 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 235Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 236Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 237Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 238Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 239Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 240Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 241Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 242Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 243Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 239
PIC32MX5XX/6XX/7XX
APPENDIX A: MIGRATING FROM
PIC32MX3XX/4XX TO
PIC32MX5XX/6XX/7XX
DEVICES
This appendix provides an overview of considerations
for migrating from PIC32MX3XX/4XX devices to the
PIC32MX5XX/6XX/7XX family of devices. The code
developed for the PIC32MX3XX/4XX devices can be
ported to the PIC32MX5XX/6XX/7XX devices after
making the appropriate changes outlined below.
A.1
DMA
PIC32MX5XX/6XX/7XX devices do not support
stopping DMA transfers in Idle mode.
A.2
Interrupts
PIC32MX5XX/6XX/7XX
devices
have
persistent
interrupts for some of the peripheral modules. This
means that the interrupt condition for these peripherals
must be cleared before the interrupt flag can be
cleared.
For example, to clear a UART receive interrupt, the
user application must first read the UART Receive
register to clear the interrupt condition and then clear
the associated UxIF flag to clear the pending UART
interrupt. In other words, the UxIF flag cannot be
cleared by software until the UART Receive register is
read.
Table A-1 outlines the peripherals and associated
interrupts
that are
implemented
differently
on
PIC32MX5XX/6XX/7XX
versus
PIC32MX3XX/4XX
devices.
In addition, on the SPI module, the IRQ numbers for the
receive done interrupts were changed from 25 to 24
and the transfer done interrupts were changed from 24
to 25.
TABLE A-1:
PIC32MX3XX/4XX VERSUS PIC32MX5XX/6XX/7XX INTERRUPT IMPLEMENTATION
DIFFERENCES
Module
Interrupt Implementation
Input Capture
To clear an interrupt source, read the Buffer Result (ICxBUF) register to obtain the number of
capture results in the buffer that are below the interrupt threshold (specified by ICI<1:0> bits).
SPI
Receive and transmit interrupts are controlled by the SRXISEL<1:0> and STXISEL<1:0> bits,
respectively. To clear an interrupt source, data must be written to, or read from, the SPIxBUF
register to obtain the number of data to receive/transmit below the level specified by the
SRXISEL<1:0> and STXISEL<1:0> bits.
UART
TX interrupt will be generated as soon as the UART module is enabled.
Receive and transmit interrupts are controlled by the URXISEL<1:0> and UTXISEL<1:0> bits,
respectively. To clear an interrupt source, data must be read from, or written to, the UxRXREG or
UxTXREG registers to obtain the number of data to receive/transmit below the level specified by
the URXISEL<1:0> and UTXISEL<1:0> bits.
ADC
All samples must be read from the result registers (ADC1BUFx) to clear the interrupt source.
PMP
To clear an interrupt source, read the Parallel Master Port Data Input/Output (PMDIN/PMDOUT)
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com