Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 249 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 249 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 245Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 246Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 247Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 248Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 249Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 250Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 251Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 252Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 253Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 249
PIC32MX5XX/6XX/7XX
Revision G (May 2011)
The revision includes the following global update:
• All references to VDDCORE/VCAP have been
changed to: VCORE/VCAP
• Added references to the new V-Temp temperature
range: -40ºC to +105ºC
This revision also includes minor typographical and
formatting changes throughout the data sheet text.
Major updates are referenced by their respective
section in the following table.
TABLE B-5:
MAJOR SECTION UPDATES
Section Name
Update Description
High-Performance, USB, CAN and
Ethernet 32-bit Flash Microcontrollers
Removed the shading for all D- and D+ pins in all pin diagrams.
1.0 “Device Overview”
Updated the VBUS description in Table 1-1.
2.0 “Guidelines for Getting Started with
32-bit Microcontrollers”
Added 2.11 “Referenced Sources”.
4.0 “Memory Organization”
Added Note 3 to the Interrupt Register Map tables (see Table 4-2 through
Table 4-7.
22.0 “10-bit Analog-to-Digital Converter
(ADC)”
Updated the ADC Conversion Clock Period Block Diagram (see
Figure 22-2).
26.0 “Comparator Voltage Reference
(CVREF)”
Updated the Comparator Voltage Reference Block Diagram (see
Figure 26-1).
28.0 “Special Features”
Removed the second paragraph from 28.3.1 “On-Chip Regulator and
POR”
.
31.0 “Electrical Characteristics”
Added the new V-Temp temperature range (-40ºC to +105ºC) to the
heading of all specification tables.
Updated the Ambient temperature under bias, updated the Voltage on
any 5V tolerant pin with respect to VSS when VDD < 2.3V, and added
Voltage on VBUS with respect to Vss in Absolute Maximum Ratings.
Added the characteristic, DC5a to Operating MIPS vs. Voltage (see
Table 31-1).
Updated or added the following parameters to the Operating Current
(IDD) DC Characteristics: DC20, DC20b, DC23, and DC23b (see
Table 31-5).
Added the following parameters to the Idle Current (IIDLE) DC
Characteristics: DC30b, DC33b, DC34c, DC35c, and DC36c (see
Table 31-6).
Added the following parameters to the Power-down Current (IPD) DC
Characteristics: DC40g, DC40h, DC40i, and DC41g, (see Table 31-7).
Added parameter IM51 and Note 3 to the I2Cx Bus Data Timing
Requirements (Master Mode) (see Table 31-32).
Updated the 10-bit ADC Conversion Rate Parameters (see Table 31-37).
Updated parameter AD57 (TSAMP) in the Analog-to-Digital Conversion
Timing Requirements (see Table 31-38).
32.0 “Packaging Information”
Updated the 64-Lead Plastic Quad Flat, No Lead Package (MR) –
9x9x0.9 mm Body [QFN] packing diagram.
Product Identification System
Added the new V-Temp (V) temperature information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com