Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 247 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 247 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 243Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 244Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 245Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 246Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 247Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 248Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 249Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 250Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 251Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 247
PIC32MX5XX/6XX/7XX
4.0 “Memory Organization”
(Continued)
• Table 4-13:
- Changed register U4RG to U1BRG
- Changed register U5RG to U3BRG
- Changed register U6RG to U2BRG
• Table 4-14:
- Updated the All Resets values for the following registers: SPI3STAT,
SPI2STAT and SPI4STAT
• Table 4-15: Updated the All Resets values for the SPI1STAT register
• Table 4-17: Added note 2
• Table 4-19: Added note 2
• Table 4-20: Updated the All Resets values for the CM1CON and
CM2CON registers
• Table 4-21:
- Updated the All Resets values as 0000 for the CVRCON register
- Updated note 2
• Table 4-38: Updated the All Resets values for the PMSTAT register
• Table 4-40: Updated the All Resets values for the CHECON and
CHETAG registers
• Table 4-42: Updated the bit value of bit 29/13 as ‘—’ for the DEVCFG3
register
• Table 4-44:
- Updated the note references in the entire table
- Changed existing note 1 to note 4
- Added notes 1, 2 and 3
- Changed bits 23/7 in U1PWRC to UACTPND
- Changed register U1DDR to U1ADDR
- Changed register U4DTP1 to U1BDTP1
- Changed register U4DTP2 to U1BDTP2
- Changed register U4DTP3 to U1BDTP3
• Table 4-45:
- Updated the All Resets values for the C1CON and C1VEC registers
- Changed bits 30/14 in C1CON to FRZ
- Changed bits 27/11 in C1CON to CANBUSY
- Changed bits 22/6-16/0 in C1VEC to ICODE<6:0>
- Changed bits 22/6-16/0 in C1TREC to RERRCNT<7:0>
- Changed bits 31/15-24/8 in C1TREC to TERRCNT<7:0>
• Table 4-46:
- Updated the All Resets values for the C2CON and C2VEC registers
- Changed bits 30/14 in C1CON to FRZ
- Changed bits 27/11 in C1CON to CANBUSY
- Changed bits 22/6-16/0 in C1VEC register to ICODE<6:0>
- Changed bits 22/6-16/0 in C1TREC register to RERRCNT<7:0>
- Changed bits 31/15-24/8 in C1TREC to TERRCNT<7:0>
TABLE B-4:
SECTION UPDATES (CONTINUED)
Section Name
Update Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com