Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 105 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 105 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 101Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 102Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 103Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 104Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 105Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 106Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 107Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 108Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 256 page
background image
TABLE 4-41:
RTCC REGISTER MAP(1)
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
0200
RTCCON
31:16
—
—
—
—
—
—
CAL<9:0>
0000
15:0
ON
FRZ
SIDL
—
—
—
—
—
RTSECSEL RTCCLKON
—
—
RTCWREN RTCSYNC HALFSEC
RTCOE
0000
0210 RTCALRM
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ALRMEN
CHIME
PIV
ALRMSYNC
AMASK<3:0>
ARPT<7:0>
0000
0220 RTCTIME
31:16
HR10<3:0>
HR01<3:0>
MIN10<3:0>
MIN01<3:0>
xxxx
15:0
SEC10<3:0>
SEC01<3:0>
—
—
—
—
—
—
—
—
xx00
0230 RTCDATE
31:16
YEAR10<3:0>
YEAR01<3:0>
MONTH10<3:0>
MONTH01<3:0>
xxxx
15:0
DAY10<3:0>
DAY01<3:0>
—
—
—
—
WDAY01<3:0>
xx00
0240 ALRMTIME
31:16
HR10<3:0>
HR01<3:0>
MIN10<3:0>
MIN01<3:0>
xxxx
15:0
SEC10<3:0>
SEC01<3:0>
—
—
—
—
—
—
—
—
xx00
0250 ALRMDATE
31:16
—
—
—
—
—
—
—
—
MONTH10<3:0>
MONTH01<3:0>
00xx
15:0
DAY10<3:0>
DAY01<3:0>
—
—
—
—
WDAY01<3:0>
xx0x
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
All registers in this table have corresponding CLR, SET and INV registers at its virtual address, plus an offset of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com