Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 106 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 106 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 102Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 103Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 104Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 105Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 106Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 107Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 108Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 109Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 256 page
background image
TABLE 4-42:
DEVCFG: DEVICE CONFIGURATION WORD SUMMARY
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
2FF0 DEVCFG3
31:16 FVBUSIO FUSBIDIO
—
—
—
FCANIO
FETHIO
FMIIEN
—
—
—
—
—
FSRSSEL<2:0>
xxxx
15:0
USERID<15:0>
xxxx
2FF4 DEVCFG2
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
FPLLODIV<2:0>
xxxx
15:0
UPLLEN
—
—
—
—
UPLLIDIV<2:0>
—
FPLLMUL<2:0>
—
FPLLIDIV<2:0>
xxxx
2FF8 DEVCFG1
31:16
—
—
—
—
—
—
—
—FWDTEN
—
—
WDTPS<4:0>
xxxx
15:0
FCKSM<1:0>
FPBDIV<1:0>
—
OSCIOFNC
POSCMOD<1:0>
IESO
—
FSOSCEN
—
—
FNOSC<2:0>
xxxx
2FFC DEVCFG0
31:16
—
—
—CP
—
—
—BWP
—
—
—
—PWP<7:4>
xxxx
15:0
PWP<3:0>
—
—
—
—
—
—
—
—
ICESEL
—
DEBUG<1:0>
xxxx
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-43:
DEVICE AND REVISION ID SUMMARY(1)
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
F220
DEVID
31:16
VER<3:0>
DEVID<27:16>
xxxx
15:0
DEVID<15:0>
xxxx
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
Reset values are dependent on the device variant. Refer to “PIC32MX5XX/6XX/7XX Family Silicon Errata and Data Sheet Clarification” (DS80480) for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com