Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 119 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 119 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 115Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 116Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 117Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 118Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 119Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 120Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 121Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 122Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 119
PIC32MX5XX/6XX/7XX
6.0
RESETS
The Reset module combines all Reset sources and
controls the device Master Reset signal, SYSRST. The
following is a list of device Reset sources:
• POR: Power-on Reset
•MCLR: Master Clear Reset pin
• SWR: Software Reset
• WDTR: Watchdog Timer Reset
• BOR: Brown-out Reset
• CMR: Configuration Mismatch Reset
A simplified block diagram of the Reset module is
illustrated in Figure 6-1.
FIGURE 6-1:
SYSTEM RESET BLOCK DIAGRAM
Note 1: This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 7. “Resets”
(DS61118)
in
the
“PIC32
Family
Reference Manual”, which is available
from
the
Microchip
web
site
(www.microchip.com/PIC32).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
MCLR
VDD
VDD Rise
Detect
POR
Sleep or Idle
Brown-out
Reset
WDT
Time-out
Glitch Filter
BOR
Configuration
SYSRST
Software Reset
Power-up
Timer
Voltage
Enabled
Reset
WDTR
SWR
CMR
MCLR
Mismatch
Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com