Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 123 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 123 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 119Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 120Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 121Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 122Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 123Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 124Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 125Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 126Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 123
PIC32MX5XX/6XX/7XX
PMP – Parallel Master Port
34
28
IFS1<2>
IEC1<2>
IPC7<4:2>
IPC7<1:0>
CMP1 – Comparator Interrupt
35
29
IFS1<3>
IEC1<3>
IPC7<12:10>
IPC7<9:8>
CMP2 – Comparator Interrupt
36
30
IFS1<4>
IEC1<4>
IPC7<20:18>
IPC7<17:16>
U3E – UART2A Error
SPI2E – SPI2 Fault
I2C4B – I2C4 Bus Collision Event
37
31
IFS1<5>
IEC1<5>
IPC7<28:26>
IPC7<25:24>
U3RX – UART2A Receiver
SPI2RX – SPI2 Receive Done
I2C4S – I2C4 Slave Event
38
31
IFS1<6>
IEC1<6>
IPC7<28:26>
IPC7<25:24>
U3TX – UART2A Transmitter
SPI2TX – SPI2 Transfer Done
IC4M – I2C4 Master Event
39
31
IFS1<7>
IEC1<7>
IPC7<28:26>
IPC7<25:24>
U2E – UART3A Error
SPI4E – SPI4 Fault
I2C5B – I2C5 Bus Collision Event
40
32
IFS1<8>
IEC1<8>
IPC8<4:2>
IPC8<1:0>
U2RX – UART3A Receiver
SPI4RX – SPI4 Receive Done
I2C5S – I2C5 Slave Event
41
32
IFS1<9>
IEC1<9>
IPC8<4:2>
IPC8<1:0>
U2TX – UART3A Transmitter
SPI4TX – SPI4 Transfer Done
IC5M – I2C5 Master Event
42
32
IFS1<10> IEC1<10>
IPC8<4:2>
IPC8<1:0>
I2C2B – I2C2 Bus Collision Event
43
33
IFS1<11>
IEC1<11>
IPC8<12:10>
IPC8<9:8>
I2C2S – I2C2 Slave Event
44
33
IFS1<12> IEC1<12>
IPC8<12:10>
IPC8<9:8>
I2C2M – I2C2 Master Event
45
33
IFS1<13> IEC1<13>
IPC8<12:10>
IPC8<9:8>
FSCM – Fail-Safe Clock Monitor
46
34
IFS1<14> IEC1<14>
IPC8<20:18>
IPC8<17:16>
RTCC – Real-Time Clock and
Calendar
47
35
IFS1<15> IEC1<15>
IPC8<28:26>
IPC8<25:24>
DMA0 – DMA Channel 0
48
36
IFS1<16> IEC1<16>
IPC9<4:2>
IPC9<1:0>
DMA1 – DMA Channel 1
49
37
IFS1<17> IEC1<17>
IPC9<12:10>
IPC9<9:8>
DMA2 – DMA Channel 2
50
38
IFS1<18> IEC1<18>
IPC9<20:18>
IPC9<17:16>
DMA3 – DMA Channel 3
51
39
IFS1<19> IEC1<19>
IPC9<28:26>
IPC9<25:24>
DMA4 – DMA Channel 4
52
40
IFS1<20> IEC1<20>
IPC10<4:2>
IPC10<1:0>
DMA5 – DMA Channel 5
53
41
IFS1<21> IEC1<21> IPC10<12:10>
IPC10<9:8>
DMA6 – DMA Channel 6
54
42
IFS1<22> IEC1<22> IPC10<20:18> IPC10<17:16>
DMA7 – DMA Channel 7
55
43
IFS1<23> IEC1<23> IPC10<28:26> IPC10<25:24>
FCE – Flash Control Event
56
44
IFS1<24> IEC1<24>
IPC11<4:2>
IPC11<1:0>
USB – USB Interrupt
57
45
IFS1<25> IEC1<25> IPC11<12:10>
IPC11<9:8>
CAN1 – Control Area Network 1
58
46
IFS1<26> IEC1<26> IPC11<20:18> IPC11<17:16>
CAN2 – Control Area Network 2
59
47
IFS1<27> IEC1<27> IPC11<28:26> IPC11<25:24>
ETH – Ethernet Interrupt
60
48
IFS1<28> IEC1<28>
IPC12<4:2>
IPC12<1:0>
IC1E – Input Capture 1 Error
61
5
IFS1<29> IEC1<29>
IPC1<12:10>
IPC1<9:8>
IC2E – Input Capture 2 Error
62
9
IFS1<30> IEC1<30>
IPC2<12:10>
IPC2<9:8>
IC3E – Input Capture 3 Error
63
13
IFS1<31> IEC1<31>
IPC3<12:10>
IPC3<9:8>
IC4E – Input Capture 4 Error
64
17
IFS2<0>
IEC2<0>
IPC4<12:10>
IPC4<9:8>
TABLE 7-1:
INTERRUPT IRQ, VECTOR AND BIT LOCATION (CONTINUED)
Interrupt Source(1)
IRQ
Vector
Number
Interrupt Bit Location
Flag
Enable
Priority
Sub-Priority
Note 1: Not all interrupt sources are available on all devices. See Table 1, Table 2 and Table 3 for the list of
available peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com