Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 120Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 121Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 122Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 123Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 124Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 125Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 126Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 127Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 124
© 2009-2011 Microchip Technology Inc.
IC4E – Input Capture 5 Error
65
21
IFS2<1>
IEC2<1>
IPC5<12:10>
IPC5<9:8>
PMPE – Parallel Master Port Error
66
28
IFS2<2>
IEC2<2>
IPC7<4:2>
IPC7<1:0>
U4E – UART4 Error
67
49
IFS2<3>
IEC2<3>
IPC12<12:10>
IPC12<9:8>
U4RX – UART4 Receiver
68
49
IFS2<4>
IEC2<4>
IPC12<12:10>
IPC12<9:8>
U4TX – UART4 Transmitter
69
49
IFS2<5>
IEC2<5> IPC12<12:10>
IPC12<9:8>
U6E – UART6 Error
70
50
IFS2<6>
IEC2<6>
IPC12<20:18> IPC12<17:16>
U6RX – UART6 Receiver
71
50
IFS2<7>
IEC2<7>
IPC12<20:18> IPC12<17:16>
U6TX – UART6 Transmitter
72
50
IFS2<8>
IEC2<8> IPC12<20:18> IPC12<17:16>
U5E – UART5 Error
73
51
IFS2<9>
IEC2<9>
IPC12<28:26> IPC12<25:24>
U5RX – UART5 Receiver
74
51
IFS2<10> IEC2<10> IPC12<28:26> IPC12<25:24>
U5TX – UART5 Transmitter
75
51
IFS2<11>
IEC2<11> IPC12<28:26> IPC12<25:24>
(Reserved)
—
—
—
—
—
—
Lowest Natural Order Priority
TABLE 7-1:
INTERRUPT IRQ, VECTOR AND BIT LOCATION (CONTINUED)
Interrupt Source(1)
IRQ
Vector
Number
Interrupt Bit Location
Flag
Enable
Priority
Sub-Priority
Note 1: Not all interrupt sources are available on all devices. See Table 1, Table 2 and Table 3 for the list of
available peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com