Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 117Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 118Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 119Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 120Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 121Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 122Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 123Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 124Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 121
PIC32MX5XX/6XX/7XX
7.0
INTERRUPT CONTROLLER
PIC32MX5XX/6XX/7XX devices generate interrupt
requests in response to interrupt events from peripheral
modules. The interrupt control module exists externally
to the CPU logic and prioritizes the interrupt events
before presenting them to the CPU.
The PIC32MX5XX/6XX/7XX interrupt module includes
the following features:
• Up to 96 interrupt sources
• Up to 64 interrupt vectors
• Single and multi-vector mode operations
• Five external interrupts with edge polarity control
• Interrupt proximity timer
• Module freeze in Debug mode
• Seven user-selectable priority levels for each
vector
• Four user-selectable subpriority levels within each
priority
• Dedicated shadow set for user-selectable priority
level
• Software can generate any interrupt
• User-configurable interrupt vector table location
• User-configurable interrupt vector spacing
A simplified block diagram of the Interrupt Controller
module is illustrated in Figure 7-1.
FIGURE 7-1:
INTERRUPT CONTROLLER MODULE
Note 1: This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 8. “Interrupts”
(DS61108)
in
the
“PIC32
Family
Reference Manual”, which is available
from
the
Microchip
web
site
(www.microchip.com/PIC32).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
Interrupt Controller
Vector Number
CPU Core
Priority Level
Shadow Set Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com