Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 125 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 125 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 121Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 122Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 123Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 124Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 125Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 126Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 127Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 128Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 125
PIC32MX5XX/6XX/7XX
8.0
OSCILLATOR
CONFIGURATION
The PIC32MX5XX/6XX/7XX oscillator system has the
following modules and features:
• A total of four external and internal oscillator
options as clock sources
• On-Chip PLL with user-selectable input divider,
multiplier and output divider to boost operating
frequency on select internal and external
oscillator sources
• On-Chip user-selectable divisor postscaler on
select oscillator sources
• Software-controllable switching between
various clock sources
• A Fail-Safe Clock Monitor (FSCM) that detects
clock failure and permits safe application recovery
or shutdown
• Dedicated On-Chip PLL for USB peripheral
Figure 8-1shows the Oscillator module block diagram.
FIGURE 8-1:
PIC32MX5XX/6XX/7XX FAMILY OSCILLATOR BLOCK DIAGRAM
Note 1: This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 6. “Oscillator”
(DS61112)
in
the
“PIC32
Family
Reference Manual”, which is available
from
the
Microchip
web
site
(www.microchip.com/PIC32).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
Timer1, RTCC
Clock Control Logic
Fail-Safe
Clock
Monitor
FSCM INT
FSCM Event
COSC<2:0>
NOSC<2:0>
OSWEN
FSCMEN<1:0>
PLL
Secondary Oscillator (SOSC)
SOSCEN and FSOSCEN
SOSCO
SOSCI
Primary Oscillator
XTPLL, HSPLL,
XT, HS, EC
CPU and Select Peripherals
Peripherals
FRCDIV<2:0>
WDT, PWRT
8 MHz typical
FRC
31.25 kHz typical
FRC
Oscillator
LPRC
Oscillator
SOSC
LPRC
FRCDIV
ECPLL, FRCPLL
TUN<5:0>
div 16
Postscaler
FPLLIDIV<2:0>
PBDIV<1:0>
FRC/16
Postscaler
PLL Multiplier
COSC<2:0>
FIN
div x
div y
PLL Output Divider
PLLODIV<2:0>
PLL Input Divider
div x
32.768 kHz
PLLMULT<2:0>
PBCLK
UFIN
= 4 MHz
PLL x24
USB Clock (48 MHz)
div 2
UPLLEN
UFRCEN
div x
UPLLIDIV<2:0>
UFIN
4 MHz
≤FIN ≤5 MHz
C1(3)
C2(3)
XTAL
RS(1)
Enable
Notes: 1.
A series resistor, RS, may be required for AT strip cut crystals.
2.
The internal feedback resistor, RF, is typically in the range of 2 to 10 M
Ω.
3.
Refer to Section 6. “Oscillator ” (DS61112) in the “PIC32 Family
Reference Manual” for help in determining the best oscillator components.
4.
The PBCLK out is available on the OSC2 pin in certain clock modes.
OSC2(4)
OSC1
RF(2)
To Internal
Logic
USB PLL
(POSC)
div 2
ADC
SYSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com