Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 129 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 129 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 125Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 126Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 127Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 128Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 129Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 130Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 131Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 132Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 129
PIC32MX5XX/6XX/7XX
10.0 DIRECT MEMORY ACCESS
(DMA) CONTROLLER
The PIC32 Direct Memory Access (DMA) controller is a
bus master module useful for data transfers between
different devices without CPU intervention. The source
and destination of a DMA transfer can be any of the
memory mapped modules existent in the PIC32 (such
as Peripheral Bus (PBUS) devices: SPI, UART, PMP,
etc.) or memory itself.
Following are some of the key features of the DMA
controller module:
• Four identical channels, each featuring:
- Auto-increment source and destination
address registers
- Source and destination pointers
- Memory to memory and memory to
peripheral transfers
• Automatic word-size detection:
- Transfer granularity, down to byte level
- Bytes need not be word-aligned at source
and destination
• Fixed priority channel arbitration
• Flexible DMA channel operating modes:
- Manual (software) or automatic (interrupt)
DMA requests
- One-Shot or Auto-Repeat Block Transfer
modes
- Channel-to-channel chaining
• Flexible DMA requests:
- A DMA request can be selected from any of
the peripheral interrupt sources
- Each channel can select any (appropriate)
observable interrupt as its DMA request
source
- A DMA transfer abort can be selected from
any of the peripheral interrupt sources
- Pattern (data) match transfer termination
• Multiple DMA channel status interrupts:
- DMA channel block transfer complete
- Source empty or half empty
- Destination full or half full
- DMA transfer aborted due to an external
event
- Invalid DMA address generated
• DMA debug support features:
- Most recent address accessed by a DMA
channel
- Most recent DMA channel to transfer data
• CRC Generation module:
- CRC module can be assigned to any of the
available channels
- CRC module is highly configurable
FIGURE 10-1:
DMA BLOCK DIAGRAM
Note 1:
This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 31. “Direct
Memory Access (DMA) Controller”
(DS61117)
in
the
“PIC32
Family
Reference Manual”
, which is available
from
the
Microchip
web
site
(www.microchip.com/PIC32).
2:
Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization”
in
this data sheet for device-specific register
and bit information.
Address Decoder
Channel 0 Control
Channel 1 Control
Channel n Control
Global Control
(DMACON)
Bus Interface
Channel Priority
Arbitration
SEL
SE
L
Y
I0
I1
I2
In
System IRQ
INT Controller
Device Bus + Bus Arbitration
Peripheral Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com