Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 133 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 133 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 129Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 130Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 131Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 132Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 133Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 134Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 135Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 136Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 133
PIC32MX5XX/6XX/7XX
12.0 I/O PORTS
General purpose I/O pins are the simplest of peripher-
als. They allow the PIC® MCU to monitor and control
other devices. To add flexibility and functionality, some
pins are multiplexed with alternate function(s). These
functions depend on which peripheral features are on
the device. In general, when a peripheral is functioning,
that pin may not be used as a general purpose I/O pin.
Following are some of the key features of this module:
• Individual output pin open-drain enable/disable
• Individual input pin weak pull-up enable/disable
• Monitor selective inputs and generate interrupt
when change in pin state is detected
• Operation during CPU Sleep and Idle modes
• Fast bit manipulation using CLR, SET and INV
registers
Figure 12-1 illustrates a block diagram of a typical
multiplexed I/O port.
FIGURE 12-1:
BLOCK DIAGRAM OF A TYPICAL MULTIPLEXED PORT STRUCTURE
Note 1:
This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 12. “I/O Ports”
(DS61120)
in
the
“PIC32
Family
Reference Manual”
, which is available
from
the
Microchip
web
site
(www.microchip.com/PIC32).
2:
Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization”
in
this data sheet for device-specific register
and bit information.
Peripheral Output Data
Peripheral Module
Peripheral Output Enable
PIO Module
Peripheral Module Enable
WR LAT
I/O Pin
WR PORT
Data Bus
RD LAT
RD PORT
RD TRIS
WR TRIS
0
1
RD ODC
SYSCLK
Q
D
CK
EN Q
Q
D
CK
EN Q
Q
D
CK
EN Q
Q
D
CK
Q
Q
D
CK
Q
0
1
SYSCLK
WR ODC
ODC
TRIS
LAT
Sleep
1
0
1
0
Output Multiplexers
I/O Cell
Synchronization
R
Peripheral Input
Legend:
R = Peripheral input buffer types may vary. Refer to Table 1-1 for peripheral details.
Note:
This block diagram is a general representation of a shared port/peripheral structure for illustration purposes only. The actual structure
for any specific port/peripheral combination may be different than it is shown here.
Peripheral Input Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com