Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 137 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 137 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 133Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 134Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 135Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 136Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 137Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 138Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 139Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 140Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 137
PIC32MX5XX/6XX/7XX
14.0 TIMER2/3, TIMER4/5
This family of PIC32 devices features four synchronous
16-bit timers (default) that can operate as a free-
running interval timer for various timing applications
and counting external events. The following modes are
supported:
• Synchronous internal 16-bit timer
• Synchronous internal 16-bit gated timer
• Synchronous external 16-bit timer
Two 32-bit synchronous timers are available by
combining Timer2 with Timer3 and Timer4 with Timer5.
The 32-bit timers can operate in three modes:
• Synchronous internal 32-bit timer
• Synchronous internal 32-bit gated timer
• Synchronous external 32-bit timer
14.1
Additional Supported Features
• Selectable clock prescaler
• Timers operational during CPU idle
• Time base for Input Capture and Output Compare
modules (Timer2 and Timer3 only)
• ADC event trigger (Timer3 only)
• Fast bit manipulation using CLR, SET and INV
registers
FIGURE 14-1:
TIMER2/3, 4/5 BLOCK DIAGRAM (16-BIT)
Note 1:
This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 14. “Timers”
(DS61105)
of
the
“PIC32
Family
Reference Manual”
, which is available
from
the
Microchip
web
site
(www.microchip.com/PIC32).
2:
Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization”
in
this data sheet for device-specific register
and bit information.
Note:
In this chapter, references to registers,
TxCON, TMRx and PRx, use ‘x’ to repre-
sent Timer2 through 5 in 16-bit modes. In
32-bit modes, ‘x’ represents Timer2 or 4;
‘y’ represents Timer3 or 5.
Sync
PRx
TxIF
Equal
Comparator x 16
TMRx
Reset
Event Flag
Q
Q
D
TGATE (TxCON<7>)
1
0
Gate
TxCK(2)
Sync
ON (TxCON<15>)
TGATE (TxCON<7>)
TCS (TxCON<1>)
TCKPS (TxCON<6:4>)
Prescaler
3
1, 2, 4, 8, 16,
32, 64, 256
x 1
1 0
0 0
PBCLK
Trigger(1)
ADC Event
Note 1: ADC event trigger is available on Timer3 only.
2: TxCK pins are not available on 64-pin devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com