Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 134 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 134 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 130Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 131Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 132Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 133Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 134Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 135Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 136Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 137Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 134
© 2009-2011 Microchip Technology Inc.
12.1
Parallel I/O (PIO) Ports
All port pins have three registers (TRIS, LAT and
PORT) that are directly associated with their operation.
TRIS is a Data Direction or Tri-State Control register
that determines whether a digital pin is an input or an
output. Setting a TRISx register bit = 1, configures the
corresponding I/O pin as an input; setting a TRISx
register bit = 0, configures the corresponding I/O pin as
an output. All port I/O pins are defined as inputs after a
device Reset. Certain I/O pins are shared with analog
peripherals and default to analog inputs after a device
Reset.
PORT is a register used to read the current state of the
signal applied to the port I/O pins. Writing to a PORTx
register performs a write to the port’s latch, LATx
register, latching the data to the port’s I/O pins.
LAT is a register used to write data to the port I/O pins.
The LATx Latch register holds the data written to either
the LATx or PORTx registers. Reading the LATx Latch
register reads the last value written to the
corresponding PORT or Latch register.
Not all port I/O pins are implemented on some devices,
therefore, the corresponding PORTx, LATx and TRISx
register bits will read as zeros.
12.1.1
CLR, SET AND INV REGISTERS
Every I/O module register has a corresponding CLR
(clear), SET (set) and INV (invert) register designed to
provide fast atomic bit manipulations. As the name of
the register implies, a value written to a SET, CLR or
INV register effectively performs the implied operation,
but only on the corresponding base register and only
bits specified as ‘1’ are modified. Bits specified as ‘0’
are not modified.
Reading SET, CLR and INV registers returns undefined
values. To see the affects of a write operation to a SET,
CLR or INV register, the base register must be read.
12.1.2
DIGITAL INPUTS
Pins are configured as digital inputs by setting the
corresponding TRIS register bits = 1. When configured
as inputs, they are either TTL buffers or Schmitt
Triggers. Several digital pins share functionality with
analog inputs and default to the analog inputs at POR.
Setting the corresponding bit in the AD1PCFG
register = 1 enables the pin as a digital pin.
The maximum input voltage allowed on the input pins
is the same as the maximum VIH specification. Refer to
Section 31.0 “Electrical Characteristics”
for VIH
specification details.
12.1.3
ANALOG INPUTS
Certain pins can be configured as analog inputs used
by the ADC and comparator modules. Setting the
corresponding bits in the AD1PCFG register = 0
enables the pin as an analog input pin and must have
the corresponding TRIS bit set = 1 (input). If the TRIS
bit is cleared = 0 (output), the digital output level (VOH
or VOL) will be converted. Any time a port I/O pin is
configured as analog, its digital input is disabled and
the corresponding PORTx register bit will read ‘0’. The
AD1PCFG register has a default value of 0x0000;
therefore, all pins that share ANx functions are analog
(not digital) by default.
12.1.4
DIGITAL OUTPUTS
Pins are configured as digital outputs by setting the
corresponding TRIS register bits = 0. When configured
as digital outputs, these pins are CMOS drivers or can
be configured as open-drain outputs by setting the
corresponding bits in the Open-Drain Configuration
(ODCx) register.
The open-drain feature allows generation of outputs
higher than VDD (e.g., 5V) on any desired 5V tolerant
pins by using external pull-up resistors. The maximum
open-drain voltage allowed is the same as the
maximum VIH specification.
See the “Pin Diagrams” section for the available pins
and their functionality.
12.1.5
ANALOG OUTPUTS
Certain pins can be configured as analog outputs, such
as the CVREF output voltage used by the comparator
module. Configuring the comparator reference module
to provide this output will present the analog output
voltage on the pin, independent of the TRIS register
setting for the corresponding pin.
12.1.6
INPUT CHANGE NOTIFICATION
The input change notification function of the I/O ports
(CNx) allows devices to generate interrupt requests in
response to change-of-state on selected pin.
Each CNx pin also has a weak pull-up, which acts as a
current source connected to the pin. The pull-ups are
enabled by setting the corresponding bit in the CNPUE
register.
Note:
Using a PORTxINV register to toggle a bit
is recommended because the operation is
performed in hardware atomically, using
fewer instructions, as compared to the
traditional
read-modify-write
method
shown below:
PORTC ^ = 0x0001;
Note:
Analog levels on any pin that is defined as
a digital input (including the ANx pins)
may cause the input buffer to consume
current
that
exceeds
the
device
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com