Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 131 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 131 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 127Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 128Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 129Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 130Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 131Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 132Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 133Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 134Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 131
PIC32MX5XX/6XX/7XX
11.0 USB ON-THE-GO (OTG)
The Universal Serial Bus (USB) module contains
analog and digital components to provide a USB 2.0
full-speed and low-speed embedded host, full-speed
device or OTG implementation with a minimum of
external components. This module in Host mode is
intended for use as an embedded host and therefore
does not implement a UHCI or OHCI controller.
The USB module consists of the clock generator, the
USB voltage comparators, the transceiver, the Serial
Interface Engine (SIE), a dedicated USB DMA control-
ler, pull-up and pull-down resistors, and the register
interface. A block diagram of the PIC32 USB OTG
module is presented in Figure 11-1.
The clock generator provides the 48 MHz clock
required for USB full-speed and low-speed communi-
cation. The voltage comparators monitor the voltage on
the VBUS pin to determine the state of the bus. The
transceiver provides the analog translation between
the USB bus and the digital logic. The SIE is a state
machine that transfers data to and from the endpoint
buffers and generates the hardware protocol for data
transfers. The USB DMA controller transfers data
between the data buffers in RAM and the SIE. The inte-
grated pull-up and pull-down resistors eliminate the
need for external signaling components. The register
interface
allows
the
CPU
to
configure
and
communicate with the module.
The PIC32 USB module includes the following
features:
• USB Full-speed support for host and device
• Low-speed host support
• USB OTG support
• Integrated signaling resistors
• Integrated analog comparators for VBUS
monitoring
• Integrated USB transceiver
• Transaction handshaking performed by hardware
• Endpoint buffering anywhere in system RAM
• Integrated DMA to access system RAM and Flash
Note 1:
This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 27. “USB On-
The-Go (OTG)”
(DS61126) in the “PIC32
Family Reference Manual”
, which is
available from the Microchip web site
(www.microchip.com/PIC32).
2:
Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization”
in
this data sheet for device-specific register
and bit information.
Note:
The implementation and use of the USB
specifications, as well as other third party
specifications
or
technologies,
may
require licensing; including, but not limited
to, USB Implementers Forum, Inc. (also
referred to as USB-IF). The user is fully
responsible
for
investigating
and
satisfying
any
applicable
licensing
obligations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com