Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 132 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 132 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 128Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 129Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 130Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 131Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 132Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 133Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 134Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 135Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 132
© 2009-2011 Microchip Technology Inc.
FIGURE 11-1:
PIC32MX5XX/6XX/7XX FAMILY USB INTERFACE DIAGRAM
OSC1
OSC2
Primary Oscillator
8MHz Typical
FRC
Oscillator
TUN<5:0>(4)
PLL
48 MHz USB Clock(7)
Div x
UPLLEN(6)
(PB Out)(1)
UFRCEN(3)
(POSC)
UPLLIDIV(6)
UFIN(5)
Div 2
VUSB
D+(2)
D-(2)
ID(8)
Bus
Transceiver
SIE
VBUSON(8)
Comparators
USB
SRP Charge
SRP Discharge
Registers
and
Control
Interface
Transceiver Power 3.3V
To Clock Generator for Core and Peripherals
Sleep or Idle
Sleep
USBEN
USB Suspend
CPU Clock Not POSC
USB Module
Voltage
System
RAM
USB Suspend
Full Speed Pull-up
Host Pull-down
Low Speed Pull-up
Host Pull-down
ID Pull-up
DMA
Note 1:
PB clock is only available on this pin for select EC modes.
2:
Pins can be used as digital inputs when USB is not enabled.
3:
This bit field is contained in the OSCCON register.
4:
This bit field is contained in the OSCTRM register.
5:
USB PLL UFIN requirements: 4 MHz.
6:
This bit field is contained in the DEVCFG2 register.
7:
A 48 MHz clock is required for proper USB operation.
8:
Pins can be used as GPIO when the USB module is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com