Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 135 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 135 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 131Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 132Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 133Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 134Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 135Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 136Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 137Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 138Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 135
PIC32MX5XX/6XX/7XX
13.0 TIMER1
This
family
of
PIC32
devices
features
one
synchronous/asynchronous 16-bit timer that can operate
as a free-running interval timer for various timing applica-
tions and counting external events. This timer can also
be used with the Low-Power Secondary Oscillator
(SOSC) for Real-Time Clock (RTC) applications. The
following modes are supported:
• Synchronous Internal Timer
• Synchronous Internal Gated Timer
• Synchronous External Timer
• Asynchronous External Timer
13.1
Additional Supported Features
• Selectable clock prescaler
• Timer operation during CPU Idle and Sleep mode
• Fast bit manipulation using CLR, SET and INV
registers
• Asynchronous mode can be used with the SOSC
to function as a Real-Time Clock (RTC)
A simplified block diagram of the Timer1 module is
illustrated in Figure 13-1.
FIGURE 13-1:
TIMER1 BLOCK DIAGRAM(1)
Note 1:
This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 14. “Timers”
(DS61105)
in
the
“PIC32
Family
Reference Manual”
, which is available
from
the
Microchip
web
site
(www.microchip.com/PIC32).
2:
Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization”
in
this data sheet for device-specific register
and bit information.
ON (T1CON<15>)
Sync
SOSCI
SOSCO/T1CK
PR1
T1IF
Equal
16-bit Comparator
TMR1
Reset
SOSCEN
Event Flag
1
0
TSYNC (T1CON<2>)
TGATE (T1CON<7>)
TGATE (T1CON<7>)
PBCLK
1
0
TCS (T1CON<1>)
Gate
Sync
TCKPS<1:0>
Prescaler
2
1, 8, 64, 256
x 1
1 0
0 0
Q
QD
(T1CON<5:4>)
Note 1: The default state of the SOSCEN (OSCCON<1>) during a device Reset is controlled by the FSOSCEN bit in
Configuration Word, DEVCFG1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com