Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 139 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 139 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 135Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 136Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 137Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 138Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 139Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 140Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 141Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 142Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 139
PIC32MX5XX/6XX/7XX
15.0 INPUT CAPTURE
The Input Capture module is useful in applications
requiring frequency (period) and pulse measurement.
The Input Capture module captures the 16-bit or 32-bit
value of the selected Time Base registers when an
event occurs at the ICx pin. The following events cause
capture events:
1.
Simple capture event modes
- Capture timer value on every falling edge of
input at ICx pin
- Capture timer value on every rising edge of
input at ICx pin
2.
Capture timer value on every edge (rising and
falling)
3.
Capture timer value on every edge (rising and
falling), specified edge first.
4.
Prescaler capture event modes
- Capture timer value on every 4th rising
edge of input at ICx pin
- Capture timer value on every 16th rising
edge of input at ICx pin
Each input capture channel can select between one of
two 16-bit timers (Timer2 or Timer3) for the time base,
or two 16-bit timers (Timer2 and Timer3) together to
form a 32-bit timer. The selected timer can use either
an internal or external clock.
Other operational features include:
• Device wake-up from capture pin during CPU
Sleep and Idle modes
• Interrupt on input capture event
• 4-word FIFO buffer for capture values
Interrupt optionally generated after 1, 2, 3 or 4
buffer locations are filled
• Input capture can also be used to provide
additional sources of external interrupts
FIGURE 15-1:
INPUT CAPTURE BLOCK DIAGRAM
Note 1:
This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 15. “Input
Capture”
(DS61122) of the “PIC32
Family Reference Manual”
, which is
available from the Microchip web site
(www.microchip.com/PIC32).
2:
Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization”
in
this data sheet for device-specific register
and bit information.
Prescaler
1, 4, 16
Edge Detect
FIFO Control
Interrupt
Event
Generation
ICxBUF<31:16>
Interrupt
Timer3 Timer2
ICxCON
ICI<1:0>
ICx Input
0
1
ICxBUF<15:0>
Data Space Interface
Peripheral Data Bus
C32
ICTMR
ICM<2:0>
FEDGE
ICBNE
ICOV
ICM<2:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com