Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 141 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 141 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 137Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 138Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 139Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 140Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 141Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 142Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 143Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 144Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 141
PIC32MX5XX/6XX/7XX
16.0 OUTPUT COMPARE
The Output Compare module (OCMP) is used to
generate a single pulse or a train of pulses in response
to selected time base events. For all modes of
operation, the OCMP module compares the values
stored in the OCxR and/or the OCxRS registers to the
value in the selected timer. When a match occurs, the
OCMP module generates an event based on the
selected mode of operation.
The following are some of the key features:
• Multiple Output Compare Modules in a device
• Programmable interrupt generation on compare
event
• Single and Dual Compare modes
• Single and continuous output pulse generation
• Pulse-Width Modulation (PWM) mode
• Hardware-based PWM Fault detection and
automatic output disable
• Programmable selection of 16-bit or 32-bit time
bases
• Can operate from either of two available 16-bit
time bases or a single 32-bit time base
FIGURE 16-1:
OUTPUT COMPARE MODULE BLOCK DIAGRAM
Note 1:
This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 16. “Output
Compare”
(DS61111) in the “PIC32
Family Reference Manual”
, which is
available from the Microchip web site
(www.microchip.com/PIC32).
2:
Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization”
in
this data sheet for device-specific register
and bit information.
OCxR(1)
Comparator
Output
Logic
Q
S
R
OCM<2:0>
Output Enable
OCx(1)
Set Flag bit
OCxIF(1)
OCxRS(1)
Mode Select
3
Note 1: Where ‘x’ is shown, reference is made to the registers associated with the respective output compare channels,
1 through 5.
2: The OCFA pin controls the OC1-OC4 channels. The OCFB pin controls the OC5 channel.
3: Each output compare channel can use one of two selectable 16-bit time bases or a single 32-bit timer base.
0
1
OCTSEL
0
1
16
16
OCFA or OCFB(2)
TMR Register Inputs
from Time Bases(3)
Period Match Signals
from Time Bases(3)
Logic
Output
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com