Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 143 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 143 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 139Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 140Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 141Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 142Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 143Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 144Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 145Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 146Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 143
PIC32MX5XX/6XX/7XX
17.0 SERIAL PERIPHERAL
INTERFACE (SPI)
The SPI module is a synchronous serial interface that
is useful for communicating with external peripherals
and other microcontroller devices. These peripheral
devices may be Serial EEPROMs, Shift registers, dis-
play drivers, Analog-to-Digital Converters, etc. The
PIC32 SPI module is compatible with Motorola® SPI
and SIOP interfaces.
Following are some of the key features of this module:
• Master and Slave modes support
• Four different clock formats
• Enhanced Framed SPI protocol support
• User-configurable 8-bit, 16-bit and 32-bit data
width
• Separate SPI FIFO buffers for receive and
transmit
- FIFO buffers act as 4/8/16-level deep FIFOs
based on 32/16/8-bit data width
• Programmable interrupt event on every 8-bit,
16-bit and 32-bit data transfer
• Operation during CPU Sleep and Idle mode
• Fast bit manipulation using CLR, SET and INV
registers
FIGURE 17-1:
SPI MODULE BLOCK DIAGRAM
Note 1:
This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 23. “Serial
Peripheral Interface (SPI)”
(DS61106) in
the “PIC32 Family Reference Manual”,
which is available from the Microchip web
site (www.microchip.com/PIC32).
2:
Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization”
in
this data sheet for device-specific register
and bit information.
Internal
Data Bus
SDIx
SDOx
SSx/FSYNC
SCKx
SPIxSR
bit 0
Shift
Control
Edge
Select
Enable Master Clock
Baud Rate
Slave Select
Sync Control
Clock
Control
Transmit
Receive
and Frame
Note: Access SPIxTXB and SPIxRXB FIFOs via SPIxBUF register.
FIFOs Share Address SPIxBUF
SPIxBUF
Generator
PBCLK
Write
Read
SPIxTXB FIFO
SPIxRXB FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com