Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX795F512LT-80I/PF Datasheet(PDF) 147 Page - Microchip Technology

Part # PIC32MX795F512LT-80I/PF
Description  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF Datasheet(HTML) 147 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 143Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 144Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 145Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 146Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 147Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 148Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 149Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 150Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 147
PIC32MX5XX/6XX/7XX
19.0 UNIVERSAL ASYNCHRONOUS
RECEIVER TRANSMITTER
(UART)
The UART module is one of the serial I/O modules
available in PIC32MX5XX/6XX/7XX family devices.
The UART is a full-duplex, asynchronous communica-
tion channel that communicates with peripheral
devices and personal computers through protocols,
such as RS-232, RS-485, LIN 1.2 and IrDA®. The
module also supports the hardware flow control option,
with UxCTS and UxRTS pins, and also includes an
IrDA encoder and decoder.
The primary features of the UART module are:
• Full-duplex, 8-bit or 9-bit data transmission
• Even, Odd or No Parity options (for 8-bit data)
• One or two Stop bits
• Hardware auto-baud feature
• Hardware flow control option
• Fully integrated Baud Rate Generator (BRG) with
16-bit prescaler
• Baud rates ranging from 76 bps to 20 Mbps at 80
MHz
• 8-level deep First-In-First-Out (FIFO) transmit
data buffer
• 8-level deep FIFO receive data buffer
• Parity, framing and buffer overrun error detection
• Support for interrupt-only on address detect
(9th bit = 1)
• Separate transmit and receive interrupts
• Loopback mode for diagnostic support
• LIN 1.2 Protocol support
• IrDA encoder and decoder with 16x baud clock
output for external IrDA encoder/decoder support
Figure 19-1 illustrates a simplified block diagram of the
UART.
FIGURE 19-1:
UART SIMPLIFIED BLOCK DIAGRAM
Note 1:
This data sheet summarizes the features
of the PIC32MX5XX/6XX/7XX family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 21. “Universal
Asynchronous Receiver Transmitter
(UART)”
(DS61107) in the “PIC32 Family
Reference Manual”
, which is available
from
the
Microchip
web
site
(www.microchip.com/PIC32).
2:
Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization”
in
this data sheet for device-specific register
and bit information.
Baud Rate Generator
UxRX
Hardware Flow Control
UARTx Receiver
UARTx Transmitter
UxTX
UxCTS
UxRTS
BCLKx
IrDA®
Note:
Not all pins are available for all UART modules. Refer to the device-specific pin diagram for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com